Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACEW681M63V10X8TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACEW681M63V10X8TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEW681M63V10X8TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACEW681M63V10X8TR13F Datasheet HTML 1Page - NIC-Components Corp. NACEW681M63V10X8TR13F Datasheet HTML 2Page - NIC-Components Corp. NACEW681M63V10X8TR13F Datasheet HTML 3Page - NIC-Components Corp. NACEW681M63V10X8TR13F Datasheet HTML 4Page - NIC-Components Corp. NACEW681M63V10X8TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NACEW Series
Surface Mount Aluminum Electrolytic Capacitors
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/120Hz
Maximum ESR (
Ω)
+20OC/120Hz
Load Life Hours
@ +105°C
NACEW220M6.3V4X5.5TR13F
22
6.3
0.24
22
18.1
1,000
NACEW330M6.3V5X5.5TR13F
33
0.24
27
12.1
1,000
NACEW470M6.3V5X5.5TR13F
47
0.24
33
8.47
1,000
NACEW101M6.3V6.3X5.5TR13F
100
0.24
50
3.98
1,000
NACEW221M6.3V6.3X6.3TR13F
220
0.24
67
1.81
1,000
NACEW331M6.3V6.3X8TR13F
330
0.24
105
1.21
1,000
NACEW471M6.3V8X10.5TR13F
470
0.28
210
0.99
2,000
NACEW681M6.3V8X10.5TR13F
680
0.28
210
0.68
2,000
NACEW681M6.3V10X8TR13F
680
0.28
210
0.68
1,000
NACEW102M6.3V8X10.5TR13F
1000
0.28
280
0.46
2,000
NACEW152M6.3V10X10.5TR13F
1500
0.28
310
0.31
2,000
NACEW332M6.3V12.5X14TR15F
3300
0.32
520
0.14
2,000
NACEW682M6.3V16X17TR15F
6800
0.38
930
0.093
2,000
NACEW103M6.3V18X17.5TR15F 10000
0.46
1200
0.076
2,000
NACEW123M6.3V18X22TR15F
12000
0.50
1350
0.069
2,000
NACEW220M10V5X5.5TR13F
22
10
0.20
25
15.1
1,000
NACEW330M10V5X5.5TR13F
33
0.20
30
10.1
1,000
NACEW470M10V5X5.5TR13F
47
0.20
41
7.06
1,000
NACEW151M10V6.3X6.3TR13F
150
0.20
62
2.21
1,000
NACEW221M10V6.3X8TR13F
220
0.20
105
1.51
1,000
NACEW331M10V8X10.5TR13F
330
0.24
195
1.21
2,000
NACEW471M10V8X10.5TR13F
470
0.24
210
0.85
2,000
NACEW471M10V10X8TR13F
470
0.24
210
0.85
1,000
NACEW102M10V10X10.5TR13F
1000
0.24
310
0.40
2,000
NACEW222M10V12.5X14TR15F
2200
0.24
510
0.18
2,000
NACEW472M10V16X17TR15F
4700
0.24
880
0.11
2,000
NACEW682M10V18X17.5TR15F
6800
0.34
1150
0.083
2,000
NACEW822M10V18X22TR15F
8200
0.38
1350
0.077
2,000
NACEW100M16V4X5.5TR13F
10
16
0.16
18
26.5
1,000
NACEW220M16V5X5.5TR13F
22
0.16
27
12.1
1,000
NACEW330M16V6.3X5.5TR13F
33
0.16
40
8.04
1,000
NACEW470M16V6.3X5.5TR13F
47
0.16
48
5.65
1,000
NACEW101M16V6.3X5.5TR13F
100
0.16
60
2.66
1,000
NACEW151M16V6.3X8TR13F
150
0.16
95
1.77
1,000
NACEW221M16V6.3X8TR13F
220
0.16
105
1.21
1,000
NACEW331M16V8X10.5TR13F
330
0.20
195
1.00
2,000
NACEW331M16V10X8TR13F
330
0.20
195
1.00
1,000
NACEW471M16V8X10.5TR13F
470
0.20
230
0.71
2,000
NACEW681M16V10X10.5TR13F
680
0.20
310
0.49
2,000
NACEW152M16V12.5X14TR15F
1500
0.20
500
0.23
2,000
NACEW332M16V16X17TR15F
3300
0.20
840
0.12
2,000
NACEW472M16V18X17.5TR15F
4700
0.26
1090
0.092
2,000
NACEW562M16V18X22TR15F
5600
0.28
1300
0.083
2,000
NACEW4R7M25V4X5.5TR13F
4.7
25
0.14
13
49.4
1,000
NACEW100M25V5X5.5TR13F
10
0.14
20
23.2
1,000
NACEW220M25V6.3X5.5TR13F
22
0.14
36
10.6
1,000
NACEW330M25V6.3X5.5TR13F
33
0.14
44
7.04
1,000
NACEW470M25V6.3X6.3TR13F
47
0.14
48
4.95
1,000
NACEW101M25V6.3X8TR13F
100
0.14
91
2.32
1,000
NACEW151M25V8X10.5TR13F
150
0.16
140
1.77
2,000
NACEW221M25V8X10.5TR13F
220
0.16
175
1.21
2,000
NACEW221M25V10X8TR13F
220
0.16
175
1.21
1,000
NACEW331M25V8X10.5TR13F
330
0.16
220
0.80
2,000
NACEW471M25V10X10.5TR13F
470
0.16
300
0.57
2,000
NACEW102M25V12.5X14TR15F
1000
0.16
460
0.27
2,000
NACEW222M25V16X17TR15F
2200
0.16
805
0.14
2,000
NACEW332M25V18X17.5TR15F
3300
0.20
1040
0.10
2,000
NACEW392M25V18X22TR15F
3900
0.20
1280
0.085
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment see part number system
Represents New Value


Similar Part No. - NACEW681M63V10X8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW NIC-NACEW Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K1010X8TR13F NIC-NACEW100K1010X8TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K104X5.5TR13F NIC-NACEW100K104X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K105X5.5TR13F NIC-NACEW100K105X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K106.3X5.5TR13F NIC-NACEW100K106.3X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEW681M63V10X8TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com