Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACEW102M63V8X105TR13F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NACEW102M63V8X105TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEW102M63V8X105TR13F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NACEW102M63V8X105TR13F Datasheet HTML 1Page - NIC-Components Corp. NACEW102M63V8X105TR13F Datasheet HTML 2Page - NIC-Components Corp. NACEW102M63V8X105TR13F Datasheet HTML 3Page - NIC-Components Corp. NACEW102M63V8X105TR13F Datasheet HTML 4Page - NIC-Components Corp. NACEW102M63V8X105TR13F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NACEW Series
Surface Mount Aluminum Electrolytic Capacitors
CARRIER TAPE
Case Size
A ±0.5 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2 t max. S ± 0.1
4x5.5
4.7
4.7
12.0
5.5
8.0
5.8
0.6
-
4x6.3
4.7
4.7
12.0
5.5
8.0
6.4
0.6
-
5x5.5
5.7
5.7
12.0
5.5
12.0
5.8
0.6
-
6.3x5.5
7.0
7.0
16.0
7.5
12.0
5.8
0.6
-
6.3x6.3
7.0
7.0
16.0
7.5
12.0
6.5
0.6
-
6.3x8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
-
8x6.5
8.7
8.7
16.0
7.5
12.0
6.8
0.6
-
8x10.5
8.7
8.7
24.0
7.5
12.0
11.1
0.6
-
10x8
10.7
10.7
24.0
11.5
16.0
8.3
0.6
-
10x10.5
10.7
10.7
24.0
11.5
16.0
11.2
0.6
-
12.5x14
13.2
13.2
32.0
14.2
24.0
14.2
0.6
28.4
16x17
17.5
17.5
44.0
20.2
28.0
17.3
0.6
40.4
18x17.5
19.5
19.5
44.0
20.2
32.0
17.8
0.6
40.4
18x22
19.5
19.5
44.0
20.2
32.0
22.5
0.6
40.4
Case Size
W ±1.0
Quantity Per Reel
13" Reel
15" Reel
4x5.5
14.0
1,500 pcs
2,000 pcs
4x6.3
14.0
1,200 pcs
2,000 pcs
5x5.5
14.0
1,000 pcs
1,000 pcs
6.3x5.5
18.0
1,000 pcs
1,000 pcs
6.3x6.3
18.0
800 pcs
1,000 pcs
6.3x8
18.0
500 pcs
900 pcs
8x6.5
18.0
800 pcs
1,000 pcs
8x10.5
26.0
300 pcs
500 pcs
10x8
26.0
400 pcs
500 pcs
10x10.5
26.0
300 pcs
500 pcs
12.5x14
34.0
N/A
250 pcs
16x17
46.0
N/A
200 pcs
18x17.5
46.0
N/A
175
18x22
46.0
N/A
125
TR13 330mm (13") REEL
TR15 380mm (15") REEL
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
3.0
± 0.5
21
±0.8
2.0±0.5
W
REEL
T
A
P
Feeding
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1


Similar Part No. - NACEW102M63V8X105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW102M6.310X8TR13F NIC-NACEW102M6.310X8TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW102M6.34X5.5TR13F NIC-NACEW102M6.34X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW102M6.35X5.5TR13F NIC-NACEW102M6.35X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW102M6.36.3X5.5TR13F NIC-NACEW102M6.36.3X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW102M6.36.3X6.3TR13F NIC-NACEW102M6.36.3X6.3TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEW102M63V8X105TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com