Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACP470M63V5X45TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACP470M63V5X45TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACP470M63V5X45TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACP470M63V5X45TR13F Datasheet HTML 1Page - NIC-Components Corp. NACP470M63V5X45TR13F Datasheet HTML 2Page - NIC-Components Corp. NACP470M63V5X45TR13F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
CARRIER TAPE
Surface Mount Aluminum Electrolytic Capacitors NACP Series
Case Size
A ±0.5 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2
4 x 4.5
4.7
4.7
12.0
5.5
8.0
5.1
5 x 4.5
5.7
5.7
12.0
5.5
12.0
5.1
6.3 x 4.5
7.0
7.0
16.0
7.5
12.0
5.1
Case Size
W ±1.0
Quantity Per Reel
13" Reel (Std)
15" Reel (Opt.)
4 x 4.5
14.0
1,500 pcs
2,000 pcs
5 x 4.5
14.0
1,000 pcs
1,000 pcs
6.3 x 4.5
18.0
1,000 pcs
1,000 pcs
TR13 330mm (13") REEL
TR15 380mm (15") REEL
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
3.0
± 0.5
21
±0.8
2.0±0.5
W
REEL
T
A
P
Feeding
+
-
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
0.4 + 0.2
4 + 0.1
CARRIER


Similar Part No. - NACP470M63V5X45TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACP47K10V4X5.5TR13F NIC-NACP47K10V4X5.5TR13F Datasheet
159Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACP47K10V5X5.5TR13F NIC-NACP47K10V5X5.5TR13F Datasheet
159Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACP47K10V6.3X5.5TR13F NIC-NACP47K10V6.3X5.5TR13F Datasheet
159Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACP47K16V4X5.5TR13F NIC-NACP47K16V4X5.5TR13F Datasheet
159Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACP47K16V5X5.5TR13F NIC-NACP47K16V5X5.5TR13F Datasheet
159Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACP470M63V5X45TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com