Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACEW103M63V18X175TR15F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NACEW103M63V18X175TR15F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEW103M63V18X175TR15F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NACEW103M63V18X175TR15F Datasheet HTML 1Page - NIC-Components Corp. NACEW103M63V18X175TR15F Datasheet HTML 2Page - NIC-Components Corp. NACEW103M63V18X175TR15F Datasheet HTML 3Page - NIC-Components Corp. NACEW103M63V18X175TR15F Datasheet HTML 4Page - NIC-Components Corp. NACEW103M63V18X175TR15F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size D
φ ±0.5 L max. A ±0.2 B ±0.2 I ±0.2
W
P ±0.2
4x5.5
4.0
5.5
4.3
4.3
2.0
0.5 ~ 0.8
1.0
4x6.3
4.0
6.3
4.3
4.3
2.0
0.5 ~ 0.8
1.0
5x5.5
5.0
5.5
5.3
5.3
2.1
0.5 ~ 0.8
1.4
6.3x5.5
6.3
5.5
6.6
6.6
2.5
0.5 ~ 0.8
2.2
6.3x6.3
6.3
6.3
6.6
6.6
2.5
0.5 ~ 0.8
2.2
6.3x8
6.3
8.0
6.6
6.6
2.5
0.5 ~ 0.8
2.2
8x6.5
8.0
6.5
8.3
8.3
3.4
0.5 ~ 0.8
2.2
8x10.5
8.0
10.5
8.3
8.3
2.9
0.7 ~ 1.0
3.2
10x8
10.0
8.0
10.3
10.3
3.2
1.0 ~ 1.4
4.6
10x10.5
10.0
10.5
10.3
10.3
3.2
1.0 ~ 1.4
4.6
12.5x14
12.5
14.0
12.8
12.8
4.5
1.0 ~ 1.4
4.6
16x17
16.0
17.0
16.3
16.3
5.0
1.8 ~ 2.1
7.0
18x17.5
18.0
17.5
19.0
19.0
6.5
1.7 ~ 2.1
7.0
18x22
18.0
22.0
19.0
19.0
6.5
1.7 ~ 2.1
7.0
DIMENSIONS (mm)
SPECIFICATIONS ARE SUBJECT TO CHANGE
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Frequency (Hz)
100 > f < 1K 1K > f < 10K 10K < 100K
f > 100K
C < 4.7
μF
1.00
1.30
1.50
1.80
4.7
μF < 33μF
1.00
1.20
1.30
1.45
33
μF < 12,000μF
1.00
1.10
1.20
1.30
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
NACEW Series
Surface Mount Aluminum Electrolytic Capacitors
Diameter
a
b
c
φ4
1.0
2.6
1.8
φ5
1.4
3.0
1.8
φ6.3
1.8
3.6
1.8
φ8
2.8
4.1
2.1
φ10
4.3
4.4
2.5
φ12.5
4.3
5.8
2.5
φ16
6.6
6.5
5.0
φ18
6.6
7.7
5.0
a
c
b
RECOMMENDED LAND PATTERN
DIMENSIONS (mm)
PEAK REFLOW TEMPERATURE AND DURATION
Voltage
Diameter
Peak Temperature (T)
5 seconds
Time Above +200°C
(t)
Time Above +217°C
(t1)
Time Above +230°C
(t2)
6.3V to 63V
φ4 ~ 6.3
+250°C
70 sec. max
60 sec. max.
40 sec. max.
φ8
+245°C
60 sec. max
50 sec. max.
30 sec. max.
φ10, 12.5
+240°C
50 sec. max
40 sec. max.
20 sec. max.
φ16, 18
+235°C
50 sec. max
30 sec. max.
15 sec. max.
100V
φ4 ~ 6.3
+250°C
60 sec. max
50 sec. max.
40 sec. max.
φ8
+240°C
60 sec. max
40 sec. max.
30 sec. max.
φ10
+240°C
50 sec. max
30 sec. max.
20 sec. max.
φ12.5
+235°C
50 sec. max
30 sec. max.
20 sec. max.
φ16, 18
+235°C
45 sec. max
20 sec. max.
10 sec. max.
Time Above 200°C (t)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature (T)
230
Time Above 230°C (t2)
Time Above 217°C (t1)


Similar Part No. - NACEW103M63V18X175TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW100K1010X8TR13F NIC-NACEW100K1010X8TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K104X5.5TR13F NIC-NACEW100K104X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K105X5.5TR13F NIC-NACEW100K105X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K106.3X5.5TR13F NIC-NACEW100K106.3X5.5TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100K106.3X6.3TR13F NIC-NACEW100K106.3X6.3TR13F Datasheet
220Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEW103M63V18X175TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com