Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACKA152M25V16X17TR13F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACKA152M25V16X17TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACKA152M25V16X17TR13F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACKA152M25V16X17TR13F Datasheet HTML 1Page - NIC-Components Corp. NACKA152M25V16X17TR13F Datasheet HTML 2Page - NIC-Components Corp. NACKA152M25V16X17TR13F Datasheet HTML 3Page - NIC-Components Corp. NACKA152M25V16X17TR13F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
65
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size
D
φ ±0.5 L max.
A, B ± 0.2
H max.
I ± 0.3
P ± 0.3
W
R
S
T
12.5 x 14
12.5
14.0
13.5
15.0
4.7
4.4
0.90 ± 0.30
-
-
-
16 x 17
16.0
17.0
17.0
19.0
5.5
6.7
1.20 ± 0.30
-
-
-
18 x 17
18.0
17.0
19.0
21.0
6.7
6.7
1.20 ± 0.30
-
-
-
12.5 x 14WT
12.5
14.3
13.5
15.0
4.7
4.4
1.20 ± 0.30
2.2 ± 0.2
7.1 ± 0.2
2.4 ± 0.2
16 x 17WT
16.0
17.3
17.0
19.0
5.5
6.7
1.40 ± 0.20
3.0 ± 0.2
9.0 ± 0.2
1.9 ± 0.2
18 x 17WT
18.0
17.3
19.0
21.0
6.7
6.7
1.40 ± 0.20
3.0 ± 0.2
11.0 ± 0.2
1.9 ± 0.2
DIMENSIONS (mm)
Surface Mount Aluminum Electrolytic Capacitors NACKA Series
B
W
P
A
W
P
A
R
R
S
B
Termination deflection:
Standard = ±0.30mm
WT = -0.1mm ~ +0.15mm
D
φ
L
H
STANDARD
I
I
+
-
I
I
T
WT STYLE
+
-
Anti-Vibration Skirt
on WT Style
Pressure Relief
Vent
Case Size
A
B
C
D
E
F
G
H
12.5x14
4.0
5.7
2.0
-
-
-
-
-
16x17
6.0
6.5
2.5
-
-
-
-
-
18x17
6.0
7.5
2.5
-
-
-
-
-
12.5x14WT
3.9
6.0
6.9
2.8
1.3
1.9
2.2
2.5
16x17WT
5.8
6.8
6.2
3.6
1.3
1.9
1.7
2.8
18x17WT
5.8
7.3
6.2
3.6
1.8
1.9
1.7
2.8
LAND PATTERN DIMENSIONS (mm)
+
-
B
B
A
C
Solder Pads
STANDARD TERMINATION
B
B
A
+
-
Solder Pads
WT STYLE TERMINATION
F
D
E
G
G
H
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL


Similar Part No. - NACKA152M25V16X17TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACKA152M25V16X17TR13F NIC-NACKA152M25V16X17TR13F Datasheet
71Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACKA152M25V16X17TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com