Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3942 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3942
Description  A3942KLGTR-T for Automotive Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3942 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3942 Datasheet HTML 1Page - Allegro MicroSystems A3942 Datasheet HTML 2Page - Allegro MicroSystems A3942 Datasheet HTML 3Page - Allegro MicroSystems A3942 Datasheet HTML 4Page - Allegro MicroSystems A3942 Datasheet HTML 5Page - Allegro MicroSystems A3942 Datasheet HTML 6Page - Allegro MicroSystems A3942 Datasheet HTML 7Page - Allegro MicroSystems A3942 Datasheet HTML 8Page - Allegro MicroSystems A3942 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Quad High-Side Gate Driver
for Automotive Applications
A3942
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supplies and Regulators
Operating Voltage
VBB
4.5
60
V
Quiescent Current
IBB(Q)
Charge pump on,
outputs disabled
VBB = 60 V
10
mA
VBB = 36 V
8
mA
Sleep mode
VBB = 36 V
15
μA
VBB = 36 V, TJ = 25°C
1
μA
Logic Supply (voltage supplied to
logic circuits)
VDD
3
5.5
V
Logic Supply Current
IDD
VDD = 5.5 V, serial port switching
3
mA
VDD = 5.5 V, device quiescent or in sleep mode
0.5
mA
Logic Supply UVLO Threshold
VDD(UV)
VDD falling, FAULTZ pin held active (low) for
1.5 V ≤ VDD ≤ VDDUV
2.6
2.9
V
Logic Supply UVLO Hysteresis
VDD(hys)
100
150
200
mV
Charge Pump Switching Frequency
fCP
100
kHz
Charge Pump Output Voltage
VCP
Measured relative to
VBB pin
VBB = 12 V, ICP = 10 mA
10
13
V
VBB = 6.0 V, ICP = 5 mA
10
13
V
VBB = 4.5 V, ICP = 5 mA
7
11
V
Charge Pump UVLO
VCP(UV)
Relative to VBB pin, VCP falling
5.1
5.8
V
Internal Regulator Voltage
VREG
CREG = 0.22 μF
–4–
V
Regulator Voltage UVLO
VREG(UV)
VREG falling
3
3.8
V
Regulator Voltage UVLO Hysteresis
VREG(hys)
100
400
mV
Control Circuits
Current Reference Source Voltage
VREF
1.14
1.2
1.26
V
Master Reset Pulse
tRESET
RESETZ pin pulsed low
0.3
5
μs
Sleep Command
tSLEEP
RESETZ pin held low
20
μs
Wake-Up Delay
tWAKE
RESETZ pin held high; CCP = 1 μF
––2
ms
Logic I/O
Logic Input Voltage, High
VIH
0.7 ×
VDD
–VDD
V
Logic Input Voltage, Low
VIL
0–
0.3 ×
VDD
V
ELECTRICAL CHARACTERISTICS Valid at –40°C ≤ TJ ≤ 150°C, C12 = C34 = 0.47 μF, CCP = 1 μF, RREF = 60.4 kΩ, and
VBB within limits, unless otherwise noted
Continued on the next page...


Similar Part No. - A3942

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
More results

Similar Description - A3942

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
   Automotive Varistor for Automotive Applications
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
   recommended for automotive applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
[Old version datasheet]   Qualified for Automotive Applications
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com