Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M46T Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M46T
Description  Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M46T Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M46T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
 Performance specified for common IPM applications
over automotive temperature range: -40°C to 125°C
 Fast maximum propagation delays
-
tPHL & tPLH = 550 ns
 Minimized Pulse Width Distortion (PWD = 370 ns)
 Very high Common Mode Rejection (CMR):
15 kV/μs at VCM = 1500V
 CTR > 44% at I
F = 10 mA
 Qualified to AEC-Q100 Test Guidelines
 Safety approval
-
UL recognized per UL1577 (file no. E55361)
4000Vrms for 1 minute
-
IEC/EN/DIN EN 60747-5-2 Approved
-
CSA Approved
Applications
 Automotive IPM isolation for battery management
system and motor control
 Isolated IGBT/MOSFET gate drive
 AC and brushless dc motor drives
 Industrial inverters for power supplies and motor
controls
The connection of a 0.1 μF bypass capacitor between pins 4 and 6 is
recommended.
Truth Table
LED
VO
ON
L
OFF
H
Description
The ACPL-M46T consists of a AlGaAs optically coupled
to an integrated high gain photo detector. Minimized
propagation delay difference between devices make
these optocouplers excellent solutions for improving au-
tomotive inverter efficiency through reduced switching
dead time.
Specification and performance plots are given for typical
IPM applications.
Avago R2Coupler isolation products provide the rein-
forced insulation and reliability needed for critical in au-
tomotive and high temperature industrial applications.
Schematic Diagram
ACPL-M46T
Automotive Intelligent Power Module
with R2Coupler™ Isolation and Small Outline, 5 Lead Package
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
6
5
4
1
3
SHIELD
VCC
VOUT
GND
CATHODE
ANODE


Similar Part No. - ACPL-M46T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
More results

Similar Description - ACPL-M46T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler??Isolation
logo
STMicroelectronics
SO-8 STMICROELECTRONICS-SO-8 Datasheet
56Kb / 5P
   8-LEAD SMALL OUTLINE PACKAGE
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
   24-LEAD SHRINK SMALL OUTLINE PACKAGE
logo
Toshiba Semiconductor
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
   Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
   Intelligent power module signal isolation
logo
Amkor Technology
POWERSOP AMKOR-POWERSOP Datasheet
311Kb / 2P
   Power Small Outline Package,PowerSOP
logo
STMicroelectronics
POWERSO-10 STMICROELECTRONICS-POWERSO-10 Datasheet
85Kb / 5P
   10LEADS POWER SMALL OUTLINE PACKAGE
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com