Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M46T Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M46T
Description  Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M46T Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M46T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M46T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision).
Note: Non-halide flux should be used
Regulatory Information
The ACPL-M46T is approved by the following organizations:
UL
Approved under UL 1577, component recognition pro-
gram up to VISO = 4000 VRMS
CSA
Approved under CSA Component Acceptance Notice
#5.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:2007
EN 60747-5-2:2001 + A1
DIN EN 60747-5-2 (VDE 0884 Teil 2)
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I – IV
I – III
I – II
Climatic Classification
55/125/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec, Partial discharge < 5 pC
VPR
1063
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6=VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
VPR
907
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure.
Case Temperature
Input Current
Output Power
TS
IS, INPUT
PS, OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
W
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/
EN/DIN EN 60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.


Similar Part No. - ACPL-M46T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
More results

Similar Description - ACPL-M46T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler??Isolation
logo
STMicroelectronics
SO-8 STMICROELECTRONICS-SO-8 Datasheet
56Kb / 5P
   8-LEAD SMALL OUTLINE PACKAGE
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
   24-LEAD SHRINK SMALL OUTLINE PACKAGE
logo
Toshiba Semiconductor
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
   Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
   Intelligent power module signal isolation
logo
Amkor Technology
POWERSOP AMKOR-POWERSOP Datasheet
311Kb / 2P
   Power Small Outline Package,PowerSOP
logo
STMicroelectronics
POWERSO-10 STMICROELECTRONICS-POWERSO-10 Datasheet
85Kb / 5P
   10LEADS POWER SMALL OUTLINE PACKAGE
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com