Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACZF222M63V16X17TR15T2F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACZF222M63V16X17TR15T2F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZF222M63V16X17TR15T2F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACZF222M63V16X17TR15T2F Datasheet HTML 1Page - NIC-Components Corp. NACZF222M63V16X17TR15T2F Datasheet HTML 2Page - NIC-Components Corp. NACZF222M63V16X17TR15T2F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
WT STYLE
W
P
A
B
R
R
S
T
I
+
-
T2 STYLE
W
P
A
B
+
-
Termination deflection:
T2 = +0.3mm
WT = + 0.15mm/- 0.05mm
D
φ
L
Anti-Vibration Skirt
Case Size
D
φ ±0.5
L max.
A ±0.2
B ±0.2
I typical
W
P typical
R
S
T
12.5 x 17T2
12.5
17.0
13.5
13.5
4.7
0.6 ~ 1.2
4.4
-
-
-
12.5 x 17WT
12.5
17.3
13.5
13.5
4.7
0.9 ~ 1.5
4.4
2.2
7.1
2.4
16 x 17T2
16.0
17.0
16.7±0.6 16.7±0.6
5.2
0.9 ~ 2.1
6.8
---
16 x 17WT
16.0
17.5
17.0
17.0
5.5
1.2 ~ 2.1
6.8
3.0
9.0
1.9
16 x 22T2
16.0
22.0
17.0
17.0
5.5
0.9 ~ 1.5
6.7
-
-
-
16 x 22WT
16.0
22.3
17.0
17.0
5.5
1.2 ~ 1.6
6.7
3.0
9.0
1.9
18 x 17T2
18.0
17.0
19.0
19.0
6.7
0.9 ~ 1.5
6.7
-
-
-
18 x 17WT
18.0
17.3
19.0
19.0
6.7
1.2 ~ 1.6
6.7
3.0
11.0
1.9
18 x 22T2
18.0
22.0
19.0
19.0
6.7
0.9 ~ 1.5
6.7
-
-
-
18 x 22WT
18.0
22.3
19.0
19.0
6.7
1.2 ~ 1.6
6.7
3.0
11.0
1.9
DIMENSIONS (mm)
I
I
I
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Surface Mount Aluminum Electrolytic Capacitors NACZF Series


Similar Part No. - NACZF222M63V16X17TR15T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZF221K1012.5X17T2TR13 NIC-NACZF221K1012.5X17T2TR13 Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF221K1012.5X17WTTR13 NIC-NACZF221K1012.5X17WTTR13 Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF221K1016X17T2TR13 NIC-NACZF221K1016X17T2TR13 Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF221K1612.5X17T2TR13 NIC-NACZF221K1612.5X17T2TR13 Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF221K1612.5X17WTTR13 NIC-NACZF221K1612.5X17WTTR13 Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZF222M63V16X17TR15T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com