Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACX330M16V63x55TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACX330M16V63x55TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACX330M16V63x55TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACX330M16V63x55TR13F Datasheet HTML 1Page - NIC-Components Corp. NACX330M16V63x55TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACX Series
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100kHz
Max. Z (
Ω)
+20°C/100kHz
Load Life Hours
@ +105°C
NACX220M6.3V4x5.5TR13F
22
6.3
0.24
68
2.3
1,000
NACX330M6.3V5x5.5TR13F
33
0.24
105
1.1
1,000
NACX470M6.3V5x5.5TR13F
47
0.24
105
1.1
1,000
NACX101M6.3V6.3x5.5TR13F
100
0.24
155
0.6
1,000
NACX221M6.3V6.3x5.5TR13F
220
0.24
155
0.6
1,000
NACX220M10V5x5.5TR13F
22
10
0.20
105
1.1
1,000
NACX330M10V5x5.5TR13F
33
0.20
105
1.1
1,000
NACX470M10V6.3x5.5TR13F
47
0.20
155
0.6
1,000
NACX101M10V6.3x5.5TR13F
100
0.20
155
0.6
1,000
NACX100M16V4x5.5TR13F
10
16
0.16
68
2.3
1,000
NACX220M16V5x5.5TR13F
22
0.16
105
1.1
1,000
NACX330M16V6.3x5.5TR13F
33
0.16
155
0.6
1,000
NACX470M16V6.3x5.5TR13F
47
0.16
155
0.6
1,000
NACX101M16V6.3x5.5TR13F
100
0.16
155
0.6
1,000
NACX4R7M25V4x5.5TR13F
4.7
25
0.14
68
2.3
1,000
NACX100M25V5x5.5TR13F
10
0.14
105
1.1
1,000
NACX220M25V6.3x5.5TR13F
22
0.14
155
0.6
1,000
NACX330M25V6.3x5.5TR13F
33
0.14
155
0.6
1,000
NACX470M25V6.3x5.5TR13F
47
0.14
155
0.6
1,000
NACX1R0M35V4x5.5TR13F
1.0
35
0.12
68
3.1
1,000
NACX2R2M35V4x5.5TR13F
2.2
0.12
68
2.9
1,000
NACX3R3M35V4x5.5TR13F
3.3
0.12
68
2.7
1,000
NACX4R7M35V4x5.5TR13F
4.7
0.12
68
2.3
1,000
NACX100M35V5x5.5TR13F
10
0.12
105
1.1
1,000
NACX220M35V6.3x5.5TR13F
22
0.12
155
0.6
1,000
NACX1R0M50V4x5.5TR13F
1.0
50
0.12
37
7.4
1,000
NACX2R2M50V4x5.5TR13F
2.2
0.12
45
6.6
1,000
NACX3R3M50V4x5.5TR13F
3.3
0.12
52
5.4
1,000
NACX4R7M50V5x5.5TR13F
4.7
0.12
75
2.9
1,000
NACX100M50V6.3x5.5TR13F
10
0.12
120
1.3
1,000
NACX1R0M63V4x5.5TR13F
1.0
63
0.12
20
8.0
1,000
NACX2R2M63V4x5.5TR13F
2.2
0.12
24
8.0
1,000
NACX3R3M63V5x5.5TR13F
3.3
0.12
40
3.5
1,000
NACX4R7M63V5x5.5TR13F
4.7
0.12
40
3.5
1,000
NACX100M63V6.3x5.5TR13F
10
0.12
65
1.6
1,000
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Case Size
a
b
c
4
φ
1.0
2.6
1.8
5
φ
1.4
3.0
1.8
6.3
φ
2.1
3.5
1.8
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
For Automotive Equipment, see part number system


Similar Part No. - NACX330M16V63x55TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACX330M164X5.5TR13F NIC-NACX330M164X5.5TR13F Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACX330M165X5.5TR13F NIC-NACX330M165X5.5TR13F Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACX330M166.3X5.5TR13F NIC-NACX330M166.3X5.5TR13F Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACX330M16V63x55TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com