Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWP330M25V5X55LBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAWP330M25V5X55LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWP330M25V5X55LBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAWP330M25V5X55LBF Datasheet HTML 1Page - NIC-Components Corp. NAWP330M25V5X55LBF Datasheet HTML 2Page - NIC-Components Corp. NAWP330M25V5X55LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
31
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size
a
b
c
4x5.5
1.0
2.6
1.8
5x5.5
1.4
3.0
1.8
6.3x5.5
2.1
3.5
1.8
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
a
c
b
CARRIER TAPE DIMENSIONS & REEL QTY
Case Size A ±0.3 B ±0.3 C ±0.3 D ±0.1 P ±0.1 T ±0.2 t ±0.1
4x5.5
4.7
4.7
12.0
5.5
8.0
5.8
0.4
5x5.5
5.7
5.7
12.0
5.5
12.0
5.8
0.4
6.3x5.5
7.0
7.0
16.0
7.5
12.0
5.8
0.4
T
A
P
Feeding
1.5
φ+0.1/-0 1.75 + 0.10
t
4 + 0.1
21±0.8
3.0
± 0.5
W
2.0±0.5
Surface Mount Aluminum Electrolytic Capacitors NAWP Series
REEL DIMENSIONS & REEL QTY
Case Size
W ±1.0
Quantity
TR13 (330mm)
4x5.5
14
1500
5x5.5
14
1000
6.3x5.5
18
1000
REEL DIMENSIONS & REEL QTY
Case Size
W ±1.0
Quantity
TR15 (380mm)
4x5.5
14
2000


Similar Part No. - NAWP330M25V5X55LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWP330M25V5X5.5LBF NIC-NAWP330M25V5X5.5LBF Datasheet
105Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWP330M25V5X55LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com