Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35199-0900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35199-0900
Description  2.50mm Pitch Housing Positive Locking, 9 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

35199-0900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35199-0900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/30/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
35199-0900
Status:
Active
Description:
2.50mm Pitch Housing Positive Locking, 9 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
35199
Application
Signal, Wire-to-Board, Wire-to-Wire
Product Name
N/A
UPC
800753876996
Physical
Circuits (maximum)
9
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
N/A
Material Info
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35199Series
This document was generated on 08/30/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35199-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35199-0900 MOLEX4-35199-0900 Datasheet
68Kb / 2P
   2.50mm (.098") Pitch Housing Positive Locking, 9 Circuits
More results

Similar Description - 35199-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351990900 MOLEX4-0351990900 Datasheet
68Kb / 2P
   2.50mm (.098") Pitch Housing Positive Locking, 9 Circuits
35199-1500 MOLEX11-35199-1500 Datasheet
24Kb / 1P
   2.50mm Pitch Housing Positive Locking, 15 Circuits
0351991500 MOLEX4-0351991500 Datasheet
68Kb / 2P
   2.50mm (.098") Pitch Housing Positive Locking, 15 Circuits
35156-0900 MOLEX11-35156-0900 Datasheet
40Kb / 1P
   3.96mm Pitch Wire-to-Board Housing: Positive Locking, 9 Circuits, Natural
0351550911 MOLEX4-0351550911 Datasheet
109Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Black, 9 Circuits
0351550904 MOLEX4-0351550904 Datasheet
116Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Blue, 9 Circuits
0351550903 MOLEX4-0351550903 Datasheet
116Kb / 2P
   2.50mm (.098") Pitch Wire-to-Board Housing, Positive Lock, Yellow, 9 Circuits
0351560900 MOLEX4-0351560900 Datasheet
137Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 9 Circuits, Natural
0510350900 MOLEX7-0510350900 Datasheet
97Kb / 2P
   2.50mm (.098") Pitch Board-In Housing, 9 Circuits
35191-0200 MOLEX11-35191-0200 Datasheet
33Kb / 1P
   7.92mm Pitch Housing Positive Locking
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com