Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACK100M25V4x61TR13F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NACK100M25V4x61TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK100M25V4x61TR13F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NACK100M25V4x61TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK100M25V4x61TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK100M25V4x61TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK100M25V4x61TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK100M25V4x61TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK100M25V4x61TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACK Series
NIC Part Number*
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100KHz
Max. Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NACK220M6.3V4x6.1TR13F
22
6.3
0.26
90
1.35
2,000
NACK470M6.3V4x6.1TR13F
47
0.26
90
1.35
2,000
NACK470M6.3V5x6.1TR13F
0.26
160
0.70
2,000
NACK101M6.3V5x6.1TR13F
100
0.26
160
0.70
2,000
NACK101M6.3V6.3x6.1TR13F
0.26
240
0.36
2,000
NACK221M6.3V6.3x6.1TR13F
220
0.26
240
0.36
2,000
NACK331M6.3V6.3x8TR13F
330
0.26
280
0.34
2,000
NACK331M6.3V8x6.5TR13F
0.26
300
0.26
2,000
NACK471M6.3V8x10.5TR13F
470
0.26
600
0.16
2,000
NACK471M6.3V8x10.5TR13EF
470
0.26
600
0.16
5,000
NACK102M6.3V8x10.5TR13F
1000
0.26
600
0.16
2,000
NACK102M6.3V8x10.5TR13EF
1000
0.26
600
0.16
5,000
NACK152M6.3V10x10.5TR13F
1500
0.28
850
0.08
2,000
NACK152M6.3V10x10.5TR13EF 1500
0.28
850
0.08
5,000
NACK332M6.3V12.5x14TR13F
3300
0.30
1100
0.06
5,000
NACK682M6.3V16x17TR15F
6800
0.36
1800
0.035
5,000
NACK220M10V4x6.1TR13F
22
10
0.19
90
1.35
2,000
NACK330M10V4x6.1TR13F
33
0.19
90
1.35
2,000
NACK330M10V5x6.1TR13F
0.19
160
0.70
2,000
NACK151M10V6.3x6.1TR13F
150
0.19
240
0.36
2,000
NACK221M10V6.3x8TR13F
220
0.19
160
0.34
2,000
NACK221M10V8x6.5TR13F
0.19
300
0.26
2,000
NACK331M10V8x10.5TR13F
330
0.19
600
0.16
2,000
NACK331M10V8x10.5TR13EF
330
0.19
600
0.16
5,000
NACK471M10V8x10.5TR13F
470
0.19
600
0.16
2,000
NACK471M10V8x10.5TR13EF
470
0.19
600
0.16
5,000
NACK681M10V8x10.5TR13F
680
0.19
600
0.16
2,000
NACK681M10V8x10.5TR13EF
680
0.19
600
0.16
5,000
NACK102M10V10x10.5TR13F
1000
0.19
850
0.08
2,000
NACK102M10V10x10.5TR13EF 1000
0.19
850
0.08
5,000
NACK222M10V12.5x14TR13F
2200
0.21
1100
0.06
5,000
NACK472M10V16x17TR15F
4700
0.25
1800
0.035
5,000
NACK682M10V18x17TR13F
6800
0.29
2060
0.033
5,000
NACK100M16V4x6.1TR13F
10
16
0.16
90
1.35
2,000
NACK220M16V4x6.1TR13F
22
0.16
90
1.35
2,000
NACK220M16V5x6.1TR13F
0.16
160
0.70
2,000
NACK470M16V5x6.1TR13F
47
0.16
160
0.70
2,000
NACK470M16V6.3x6.1TR13F
0.16
240
0.36
2,000
NACK680M16V6.3x6.1TR13F
68
0.16
240
0.36
2,000
NACK101M16V6.3x6.1TR13F
100
0.16
240
0.36
2,000
NACK151M16V6.3x8TR13F
150
0.16
280
0.34
2,000
NACK221M16V6.3x8TR13F
220
0.16
280
0.34
2,000
NACK221M16V8x6.5TR13F
0.16
300
0.26
2,000
NACK331M16V8x10.5TR13F
330
0.16
600
0.16
2,000
NACK331M16V8x10.5TR13EF
330
0.16
600
0.16
5,000
NACK471M16V8x10.5TR13F
470
0.16
600
0.16
2,000
NACK471M16V8x10.5TR13EF
470
0.16
600
0.16
5,000
NACK681M16V10x10.5TR13F
680
0.16
850
0.08
2,000
NACK681M16V10x10.5TR13EF
680
0.16
850
0.08
5,000
NACK152M16V12.5x14TR15F
1500
0.18
1100
0.06
5,000
NACK332M16V16x17TR15F
3300
0.20
1800
0.035
5,000
NACK472M16V18x17TR13F
4700
0.22
2060
0.033
5,000
NACK100M25V4x6.1TR13F
10
25
0.14
90
1.35
2,000
NACK220M25V5x6.1TR13F
22
0.14
160
0.70
2,000
NACK330M25V5x6.1TR13F
33
0.14
160
0.70
2,000
NACK330M25V6.3x6.1TR13F
0.14
240
0.36
2,000
NACK470M25V6.3x6.1TR13F
47
0.14
240
0.36
2,000
NACK680M25V6.3x6.1TR13F
68
0.14
240
0.36
2,000
NACK101M25V6.3x8TR13F
100
0.14
280
0.34
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
*See part numbering system for how to denote WT termination style
Available in "Y" Control Option (for Automotive Equipment)


Similar Part No. - NACK100M25V4x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK100M25V4X6.1TR13T2F NIC-NACK100M25V4X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK100M25V4x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com