Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCB170STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # XCB170STR
Description  Single Pole OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XCB170STR Datasheet(HTML) 3 Page - Clare, Inc.

  XCB170STR Datasheet HTML 1Page - Clare, Inc. XCB170STR Datasheet HTML 2Page - Clare, Inc. XCB170STR Datasheet HTML 3Page - Clare, Inc. XCB170STR Datasheet HTML 4Page - Clare, Inc. XCB170STR Datasheet HTML 5Page - Clare, Inc. XCB170STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XCB170
www.clare.com
3
Rev. 2.0
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
XCB170
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
XCB170
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
29.09
30.63
32.16
33.70
29.86
31.40
32.93
On-Resistance (
Ω)
XCB170
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
424.0
434.5
444.9
455.4
429.3
439.7
450.1
Blocking Voltage (V)
XCB170
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
25
20
15
10
5
0
XCB170
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC
25
20
15
10
5
0
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
)
XCB170
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.67
0.83
0.99
1.14
0.75
0.91
1.06
Turn-On (ms)
25
20
15
10
5
0
XCB170
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
455
450
445
440
435
430
425
420
-20
0
20
40
60
80
100
XCB170
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
10mA
-40
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
-20
0
20
40
60
80
100
120
XCB170
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.11
0.17
0.22
0.28
0.25
0.19
0.14
Turn-Off (ms)
25
20
15
10
5
0
XCB170
Typical Load Current vs. Temperature
Temperature (
°C)
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
10mA
5mA
XCB170
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
XCB170
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120
IF= 5mA


Similar Part No. - XCB170STR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XCB1A4W1000 ETC2-XCB1A4W1000 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D871000 ETC2-XCB1D871000 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D87K1000 ETC2-XCB1D87K1000 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D87K1000B ETC2-XCB1D87K1000B Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D921000 ETC2-XCB1D921000 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
More results

Similar Description - XCB170STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
   Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
   Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
   Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
   Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
   Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
   SINGLE POLE OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
   Single Pole OptoMOS Relays
logo
Clare, Inc.
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
   Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
   Single Pole OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
   Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
   Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com