Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACK330M25V63x61TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACK330M25V63x61TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK330M25V63x61TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACK330M25V63x61TR13F Datasheet HTML 1Page - NIC-Components Corp. NACK330M25V63x61TR13F Datasheet HTML 2Page - NIC-Components Corp. NACK330M25V63x61TR13F Datasheet HTML 3Page - NIC-Components Corp. NACK330M25V63x61TR13F Datasheet HTML 4Page - NIC-Components Corp. NACK330M25V63x61TR13F Datasheet HTML 5Page - NIC-Components Corp. NACK330M25V63x61TR13F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NACK Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• VERY LOW IMPEDANCE (Up to 60% lower than NACZ)
• WIDE TEMPERATURE RANGE (-55 +105OC)
• REDUCED SIZE (Up to 50% smaller than NACZ)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc
Rated Capactance Range
3.3 ~ 6,800
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20%(M)
Maximum Leakage Current
after 2 minutes @ 20°C
0.01CV or 3
μA, whichever is greater
Maximum Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8.0
13
20
32
44
63
79
100
125
All Case Sizes
C
≤ 1,000μF
0.26 0.19 0.16 0.14 0.12 0.10 0.08 0.08 0.07
C = 2,200
μF
-
0.21
-
0.16
-
-
-
-
-
C = 3,300
μF
0.30
-
0.20 0.18
-
-
-
-
-
C = 4,700
μF
-
0.25 0.22
-
-
-
-
-
-
C = 6,800
μF
0.36 0.29
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z -25°C/Z +20°C
2
2
2
2
2
2
2
2
2
Z -40°C/Z +20°C
3
3
3
3
3
3
3
3
3
Z -55°C/Z +20°C
4
4
4
3
3
3
3
3
3
Load Life Test @ 105°C
4 ~ 10mm Dia. 2,000 Hours
8x10.5mm 5,000 (Opt.)
10x10.5mm 5,000 (Opt.)
12.5 ~ 18mm Dia. 5,000 Hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
NACK rev. 1 05212007
STANDARD PRODUCT AND CASE SIZE D
φ xL (mm)
Cap (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
80
100
3.3
3R3
-
-
-
-
-
-
-
5x6.1
-
4.7
4R7
-
-
-
-
4x6.1
4x6.1
5x6.1
6.3x6.1
-
10
100
-
-
4x6.1
4x6.1
4x6.1
5x6.1
6.3x6.1
6.3x8
-
5x6.1
6.3x6.1
8x6.5
22
220
4x6.1
4x6.1
4x6.1
5x6.1
5x6.1
6.3x6.1
6.3x8
8x10.5
8x10.5
5x6.1
8x6.5
33
330
-
4x6.1
-
5x6.1
6.3x1
6.3x8
8x10.5
8x10.5
10x10.5
5x6.1
6.3x6.1
8x6.5
47
470
4x6.1
-
5x6.1
6.3x6.1
6.3x6.1
6.3x8
8x10.5
10x10.5
12.5x14
5x6.1
6.3x6.1
8x6.5
68
680
-
-
6.3x6.1
6.3x6.1
6.3x8
-
8x10.5
12.5x14
12.5x14
100
101
5x6.1
-
6.3x6.1
6.3x8
6.3x8
8x10.5
10x10.5
12.5x14
16x17
6.3x6.1
8x6.5
8x10.5
150
151
-
6.3x6.1
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
12.5x14
16x17
220
221
6.3x6.1
6.3x8
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
-
18x17
8x6.5
8x6.5
330
331
6.3x8
8x10.5
8x10.5
8x10.5
10x10.5
12.5x14
-
16x17
18x17
8x6.5
390
391
-
-
-
-
-
12.5x14
-
-
470
471
8x10.5
8x10.5
8x10.5
10x10.5
12.5x14
16x17
16x17
18x17
-
560
561
-
-
-
-
-
16x17
-
-
-
680
681
-
8x10.5
10x10.5
-
12.5x14
16x17
18x17
-
-
1000
102
8x10.5
10x10.5
-
12.5x14
16x17
16x17
-
-
-
1500
152
10x10.5
-
12.5x14
16x17
16x17
-
-
-
-
2200
222
-
12.5x14
-
16x17
-
-
-
-
-
3300
332
12.5x14
-
16x17
18x17
-
-
-
-
-
4700
472
-
16x17
18x17
-
-
-
-
-
-
6800
682
16x17
18x17
-
-
-
-
-
-
-
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
See NAZT for
New Designs
Available in "Y" Control Option (for Automotive Equipment)


Similar Part No. - NACK330M25V63x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK330M25V4X6.1TR13T2F NIC-NACK330M25V4X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK330M25V5X6.1TR13T2F NIC-NACK330M25V5X6.1TR13T2F Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK330M25V63x61TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com