Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRBKQ330M400V10X30F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRBKQ330M400V10X30F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBKQ330M400V10X30F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRBKQ330M400V10X30F Datasheet HTML 1Page - NIC-Components Corp. NRBKQ330M400V10X30F Datasheet HTML 2Page - NIC-Components Corp. NRBKQ330M400V10X30F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRB-KQ Series
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
120Hz
Load Life Hours
@+105°C
NRB-KQ330M400V10X30F
33
400
0.15
0.33
7.54
2000
NRB-KQ390M400V10X35F
39
0.15
0.37
6.38
2000
NRB-KQ470M400V10X40F
47
0.15
0.43
5.29
2000
NRB-KQ560M400V10X45F
56
0.15
0.48
4.44
2000
NRB-KQ560M400V12.5X30F
56
0.15
0.47
4.44
2000
NRB-KQ680M400V12.5X35F
68
0.15
0.54
3.66
2000
NRB-KQ820M400V12.5X40F
82
0.15
0.62
3.03
2000
NRB-KQ820M400V14.5X31.5F
82
0.15
0.61
3.03
2000
NRB-KQ101M400V12.5X50F
100
0.15
0.73
2.49
2000
NRB-KQ101M400V14.5X35F
100
0.15
0.70
2.49
2000
NRB-KQ101M400V16X31.5F
100
0.15
0.71
2.49
2000
NRB-KQ121M400V14.5X40F
120
0.15
0.79
2.07
2000
NRB-KQ121M400V16X35F
120
0.15
0.80
2.07
2000
NRB-KQ151M400V14.5X50F
150
0.15
0.94
1.66
2000
NRB-KQ151M400V16X40F
150
0.15
0.92
1.66
2000
NRB-KQ151M400V18X31.5F
150
0.15
0.89
1.66
2000
NRB-KQ181M400V16X50F
180
0.15
1.08
1.38
2000
NRB-KQ181M400V18X40F
180
0.15
1.06
1.38
2000
NRB-KQ221M400V18X45F
220
0.15
1.20
1.13
2000
NRB-KQ330M420V10X30F
33
420
0.2
0.32
10.05
2000
NRB-KQ390M420V10X35F
39
0.2
0.36
8.51
2000
NRB-KQ470M420V10X40F
47
0.2
0.41
7.06
2000
NRB-KQ560M420V10X50F
56
0.2
0.49
5.92
2000
NRB-KQ560M420V12.5X30F
56
0.2
0.46
5.92
2000
NRB-KQ680M420V12.5X35F
68
0.2
0.53
4.88
2000
NRB-KQ820M420V12.5X45F
82
0.2
0.63
4.05
2000
NRB-KQ820M420V14.5X31.5F
82
0.2
0.60
4.05
2000
NRB-KQ101M420V12.5X50F
100
0.2
0.71
3.32
2000
NRB-KQ101M420V14.5X40F
100
0.2
0.72
3.32
2000
NRB-KQ101M420V16X31.5F
100
0.2
0.69
3.32
2000
NRB-KQ121M420V14.5X45F
120
0.2
0.81
2.76
2000
NRB-KQ121M420V16X35F
120
0.2
0.78
2.76
2000
NRB-KQ121M420V18X31.5F
120
0.2
0.80
2.76
2000
NRB-KQ151M420V16X45F
150
0.2
0.94
2.21
2000
NRB-KQ151M420V18X35F
150
0.2
0.92
2.21
2000
NRB-KQ181M420V16X50F
180
0.2
1.05
1.84
2000
NRB-KQ181M420V18X40F
180
0.2
1.04
1.84
2000
NRB-KQ221M420V18X50F
220
0.2
1.22
1.51
2000
NRB-KQ270M450V10X30F
27
450
0.2
0.30
12.29
2000
NRB-KQ330M450V10X35F
33
0.2
0.34
10.05
2000
NRB-KQ390M450V10X40F
39
0.2
0.39
8.51
2000
NRB-KQ470M450V10X45F
47
0.2
0.44
7.06
2000
NRB-KQ470M450V12.5X30F
47
0.2
0.43
7.06
2000
NRB-KQ560M450V12.5X35F
56
0.2
0.49
5.92
2000
NRB-KQ680M450V12.5X40F
68
0.2
0.56
4.88
2000
NRB-KQ680M450V14.5X31.5F
68
0.2
0.56
4.88
2000
NRB-KQ820M450V12.5X45F
82
0.2
0.63
4.05
2000
NRB-KQ820M450V14.5X35F
82
0.2
0.63
4.05
2000
NRB-KQ820M450V16X31.5F
82
0.2
0.64
4.05
2000
NRB-KQ101M450V14.5X40F
100
0.2
0.72
3.32
2000
NRB-KQ101M450V16X35F
100
0.2
0.73
3.32
2000
NRB-KQ121M450V14.5X50F
120
0.2
0.85
2.76
2000
NRB-KQ121M450V16X40F
120
0.2
0.82
2.76
2000
NRB-KQ121M450V18X31.5F
120
0.2
0.80
2.76
2000
NRB-KQ151M450V16X50F
150
0.2
0.98
2.21
2000
NRB-KQ151M450V18X40F
150
0.2
0.97
2.21
2000
NRB-KQ181M450V18X45F
180
0.2
1.09
1.84
2000
NRB-KQ221M450V18X50F
220
0.2
1.22
1.51
2000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NRBKQ330M400V10X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRBKQ330M400V10X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com