Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZH221M25V63X8NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZH221M25V63X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZH221M25V63X8NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZH221M25V63X8NBF Datasheet HTML 1Page - NIC-Components Corp. NAZH221M25V63X8NBF Datasheet HTML 2Page - NIC-Components Corp. NAZH221M25V63X8NBF Datasheet HTML 3Page - NIC-Components Corp. NAZH221M25V63X8NBF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAZH Series
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. ESR (
Ω)
+20°C/100KHz
Max. Ripple Current (mA)
+105°C/100KHz
Load Life Hours
@ +105°C
NAZH101M6.3V4X6.1NBF
100
6.3
0.26
0.85
160
2,000
NAZH221M6.3V5X6.1NBF
220
0.26
0.36
240
2,000
NAZH331M6.3V6.3X6.1NBF
330
0.26
0.26
300
2,000
NAZH471M6.3V6.3X8NBF
470
0.26
0.16
600
2,000
NAZH681M6.3V6.3X8NBF
680
0.26
0.16
600
2,000
NAZH152M6.3V8X10.5NBF
1500
0.26
0.08
850
2,000
NAZH222M6.3V10X10.5NBF
2200
0.28
0.06
1190
2,000
NAZH680M10V4X6.1NBF
68
10
0.19
0.85
160
2,000
NAZH151M10V5X6.1NBF
150
0.19
0.36
240
2,000
NAZH221M10V6.3X6.1NBF
220
0.19
0.26
300
2,000
NAZH331M10V6.3X8NBF
330
0.19
0.16
600
2,000
NAZH471M10V6.3X8NBF
470
0.19
0.16
600
2,000
NAZH102M10V8X10.5NBF
1000
0.19
0.08
850
2,000
NAZH152M10V10X10.5NBF
1500
0.19
0.06
1190
2,000
NAZH470M16V4X6.1NBF
47
16
0.16
0.85
160
2,000
NAZH680M16V5X6.1NBF
68
0.16
0.36
240
2,000
NAZH101M16V5X6.1NBF
100
0.16
0.36
240
2,000
NAZH151M16V6.3X6.1NBF
150
0.16
0.26
300
2,000
NAZH221M16V6.3X6.1NBF
220
0.16
0.26
300
2,000
NAZH331M16V6.3X8NBF
330
0.16
0.16
600
2,000
NAZH681M16V8X10.5NBF
680
0.16
0.08
850
2,000
NAZH102M16V10X10.5NBF
1000
0.16
0.06
1190
2,000
NAZH220M25V4X6.1NBF
22
25
0.14
0.85
160
2,000
NAZH330M25V4X6.1NBF
33
0.14
0.85
160
2,000
NAZH470M25V5X6.1NBF
47
0.14
0.36
240
2,000
NAZH680M25V5X6.1NBF
68
0.14
0.36
240
2,000
NAZH101M25V6.3X6.1NBF
100
0.14
0.26
300
2,000
NAZH151M25V6.3X8NBF
150
0.14
0.16
600
2,000
NAZH221M25V6.3X8NBF
220
0.14
0.16
600
2,000
NAZH471M25V8X10.5NBF
470
0.14
0.08
850
2,000
NAZH821M25V10X10.5NBF
820
0.14
0.06
1190
2,000
NAZH220M35V4X6.1NBF
22
35
0.12
0.85
160
2,000
NAZH330M35V5X6.1NBF
33
0.12
0.36
240
2,000
NAZH470M35V5X6.1NBF
47
0.12
0.36
240
2,000
NAZH680M35V6.3X6.1NBF
68
0.12
0.26
300
2,000
NAZH101M35V6.3X6.1NBF
100
0.12
0.26
300
2,000
NAZH151M35V6.3X8NBF
150
0.12
0.16
600
2,000
NAZH331M35V8X10.5NBF
330
0.12
0.08
850
2,000
NAZH561M35V10X10.5NBF
560
0.12
0.06
1190
2,000
(NAZH100M50V4X6.1NBF)
10
50
0.1
2.3
85
2,000
NAZH100M50V5X6.1NBF
10
0.1
0.88
165
2,000
NAZH220M50V5X6.1NBF
22
0.1
0.88
165
2,000
NAZH470M50V6.3X6.1NBF
47
0.1
0.68
195
2,000
NAZH101M50V6.3X8NBF
100
0.1
0.34
350
2,000
NAZH221M50V8X10.5NBF
220
0.1
0.18
670
2,000
NAZH331M50V10X10.5NBF
330
0.1
0.12
900
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Frequency
120Hz
500Hz
1KHz
10KHz
10 ~ 470
μF
0.65
0.85
0.95
1.00
560 ~ 2200
μF
0.70
0.90
0.95
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
( ) In Development


Similar Part No. - NAZH221M25V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZH221M25V6.3X8NBF NIC-NAZH221M25V6.3X8NBF Datasheet
106Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZH221M25V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com