Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9911V Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7B9911V
Description  High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9911V Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7B9911V Datasheet HTML 3Page - Cypress Semiconductor CY7B9911V Datasheet HTML 4Page - Cypress Semiconductor CY7B9911V Datasheet HTML 5Page - Cypress Semiconductor CY7B9911V Datasheet HTML 6Page - Cypress Semiconductor CY7B9911V Datasheet HTML 7Page - Cypress Semiconductor CY7B9911V Datasheet HTML 8Page - Cypress Semiconductor CY7B9911V Datasheet HTML 9Page - Cypress Semiconductor CY7B9911V Datasheet HTML 10Page - Cypress Semiconductor CY7B9911V Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7B9911V
3.3V RoboClock+
8
Operational Mode Descriptions
Figure 2 shows the LVPSCB configured as a zero-skew clock
buffer. In this mode the CY7B9911V can be used as the basis
for a low-skew clock distribution tree. When all of the function
select inputs (xF0, xF1) are left open, the outputs are aligned
and may each drive a terminated transmission line to an inde-
pendent load. The FB input can be tied to any output in this
configuration and the operating frequency range is selected
with the FS pin. The low-skew specification, coupled with the
ability to drive terminated transmission lines (with impedances
as low as 50
Ω), allows efficient printed circuit board design.
Figure 3 shows a configuration to equalize skew between met-
al traces of different lengths. In addition to low skew between
outputs, the LVPSCB can be programmed to stagger the tim-
ing of its outputs. The four groups of output pairs can each be
programmed to different output timing. Skew timing can be
adjusted over a wide range in small increments with the appro-
priate strapping of the function select pins. In this configuration
the 4Q0 output is fed back to FB and configured for zero skew.
The other three pairs of outputs are programmed to yield dif-
ferent skews relative to the feedback. By advancing the clock
signal on the longer traces or retarding the clock signal on
shorter traces, all loads can receive the clock pulse at the
same time.
In this illustration the FB input is connected to an output with
0-ns skew (xF1, xF0 = MID) selected. The internal PLL syn-
chronizes the FB and REF inputs and aligns their rising edges
to insure that all outputs have precise phase alignment.
Clock skews can be advanced by
±6 time units (t
U) when using
an output selected for zero skew as the feedback. A wider range of
delays is possible if the output connected to FB is also skewed.
Since “Zero Skew”, +tU, and –tU are defined relative to output
groups, and since the PLL aligns the rising edges of REF and FB,
it is possible to create wider output skews by proper selection of the
xFn inputs. For example a +10 tU between REF and 3Qx can be
achieved by connecting 1Q0 to FB and setting 1F0 = 1F1 = GND,
3F0 = MID, and 3F1 = High. (Since FB aligns at –4 tU and 3Qx
Figure 2. Zero-Skew and/or Zero-Delay Clock Driver
SYSTEM
CLOCK
L1
L2
L3
L4
LENGTH L1 = L2 = L3 = L4
7B9911V–9
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0
Figure 3. Programmable-Skew Clock Driver
LENGTH L1 = L2
L3 < L2 by 6 inches
L4 > L2 by 6 inches
7B9911V–10
SYS-
TEM
CLOCK
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0


Similar Part No. - CY7B9911V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JC CYPRESS-CY7B9911V-5JC Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JC CYPRESS-CY7B9911V-5JC Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V-5JCT CYPRESS-CY7B9911V-5JCT Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B9911V

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com