Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRBXG8R2M200V8X115F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRBXG8R2M200V8X115F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXG8R2M200V8X115F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRBXG8R2M200V8X115F Datasheet HTML 1Page - NIC-Components Corp. NRBXG8R2M200V8X115F Datasheet HTML 2Page - NIC-Components Corp. NRBXG8R2M200V8X115F Datasheet HTML 3Page - NIC-Components Corp. NRBXG8R2M200V8X115F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NRB-XG Series
Miniature Aluminum Electrolytic Capacitors
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
LC (
μA)
after 5 min.
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
120Hz
Load Life Hours
@+105°C
NRB-XG4R7M200V6.3X11F
4.7
200
0.2
43.2
56
70.6
8000
NRB-XG5R6M200V6.3X11F
5.6
0.2
47.4
60
59.2
8000
NRB-XG6R8M200V6.3X11F
6.8
0.2
52.2
68
48.8
8000
NRB-XG8R2M200V8X11.5F
8.2
0.2
57.8
96
40.5
8000
NRB-XG100M200V8X11.5F
10
0.2
65
104
33.2
8000
NRB-XG120M200V8X11.5F
12
0.2
73
112
27.6
8000
NRB-XG150M200V8X16F
15
0.2
85
144
22.1
8000
NRB-XG150M200V10X12.5F
15
0.2
85
148
22.1
8000
NRB-XG180M200V10X12.5F
18
0.2
97
164
18.4
8000
NRB-XG220M200V10X16F
22
0.2
113
200
15.1
8000
NRB-XG270M200V10X16F
27
0.2
133
208
12.3
8000
NRB-XG1R5M400V6.3X11F
1.5
400
0.25
33
36
276.5
8000
NRB-XG1R8M400V6.3X11F
1.8
0.25
36.6
38
230.4
8000
NRB-XG2R2M400V6.3X11F
2.2
0.25
41.4
40
188.5
8000
NRB-XG2R7M400V8X11.5F
2.7
0.25
46.6
60
153.6
8000
NRB-XG3R3M400V8X11.5F
3.3
0.25
51.4
64
125.7
8000
NRB-XG3R9M400V8X11.5F
3.9
0.25
56.2
68
106.3
8000
NRB-XG4R7M400V8X16F
4.7
0.25
62.6
88
88.2
8000
NRB-XG4R7M400V10X12.5F
4.7
0.25
62.6
92
88.2
8000
NRB-XG5R6M400V10X12.5F
5.6
0.25
69.8
100
74.0
8000
NRB-XG6R8M400V10X16F
6.8
0.25
79.4
120
61.0
8000
NRB-XG8R2M400V10X16F
8.2
0.25
90.6
128
50.6
8000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
Frequency (Hz)
120
1K
10K
100K
1.5
μF ~ 27 μF
1.0
1.7
2.2
2.5
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
DIAMETER AND LEADSPACE (mm)
Case Dia. (D
φ)
6.3
8.0
10
Lead Dia. (d
φ)
0.5
0.6
0.6
Lead Spacing (F)
2.5
3.5
5.0
Dim.
α
0.5
0.5
0.5
Dim.
β
2.0
2.0
2.0
DIMENSIONS (mm)
d
φ ± 0.05
PET Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
Top
Vent


Similar Part No. - NRBXG8R2M200V8X115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRBXG8R2M200V8X115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com