Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZJ470M16V5X61NBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAZJ470M16V5X61NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZJ470M16V5X61NBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAZJ470M16V5X61NBF Datasheet HTML 1Page - NIC-Components Corp. NAZJ470M16V5X61NBF Datasheet HTML 2Page - NIC-Components Corp. NAZJ470M16V5X61NBF Datasheet HTML 3Page - NIC-Components Corp. NAZJ470M16V5X61NBF Datasheet HTML 4Page - NIC-Components Corp. NAZJ470M16V5X61NBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. ESR (
Ω)
100KHz, +20°C
Max. Ripple Current (mA)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZJ101M25V6.3X8NBF
100
25
0.14
0.16
600
2,000
NAZJ101M25V8X6.5NBF
100
0.14
0.18
500
2,000
NAZJ151M25V8X10.5JBF
150
0.14
0.08
850
2,000
NAZJ151M25V8X10.5NBF
150
0.14
0.08
850
2,000
NAZJ221M25V8X10.5JBF
220
0.14
0.08
850
2,000
NAZJ221M25V8X10.5NBF
220
0.14
0.08
850
2,000
NAZJ331M25V8X10.5JBF
330
0.14
0.08
850
2,000
NAZJ331M25V8X10.5NBF
330
0.14
0.08
850
2,000
NAZJ471M25V10X10.5HBF
470
0.14
0.06
1190
2,000
NAZJ471M25V10X10.5NBF
470
0.14
0.06
1190
2,000
NAZJ561M25V10X10.5HBF
560
0.14
0.08
850
2,000
NAZJ561M25V10X10.5NBF
560
0.14
0.08
850
2,000
NAZJ100M35V4X6.1NBF
10
35
0.12
0.85
160
2,000
NAZJ220M35V5X6.1NBF
22
0.12
0.36
240
2,000
NAZJ330M35V6.3X6.1NBF
33
0.12
0.26
300
2,000
NAZJ470M35V6.3X6.1NBF
47
0.12
0.26
300
2,000
NAZJ680M35V6.3X8NBF
68
0.12
0.16
600
2,000
NAZJ101M35V6.3X8NBF
100
0.12
0.16
600
2,000
NAZJ101M35V8X10.5JBF
100
0.12
0.08
850
2,000
NAZJ101M35V8X10.5NBF
100
0.12
0.08
850
2,000
NAZJ151M35V8X10.5JBF
150
0.12
0.08
850
2,000
NAZJ151M35V8X10.5NBF
150
0.12
0.08
850
2,000
NAZJ221M35V8X10.5JBF
220
0.12
0.08
850
2,000
NAZJ221M35V8X10.5NBF
220
0.12
0.08
850
2,000
NAZJ331M35V10X10.5HBF
330
0.12
0.06
1190
2,000
NAZJ331M35V10X10.5NBF
330
0.12
0.06
1190
2,000
NAZJ391M35V10X10.5HBF
390
0.12
0.08
850
2,000
NAZJ391M35V10X10.5NBF
390
0.12
0.08
850
2,000
NAZJ101M50V8X10.5NBF
100
50
0.10
0.18
670
2,000
NAZJ221M50V10X10.5NBF
220
0.10
0.12
900
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors
NAZJ Series
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
Frequency
120Hz
1KHz
10KHz
100KHz ~
10 ~ 470
μF
0.65
0.85
0.95
1.00
560 ~ 1800
μF
0.75
0.90
0.95
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR (STANDARD)
Frequency
120Hz
1KHz
10KHz
100KHz ~
100 ~ 150
μF
0.50
0.80
0.95
1.00
220 ~ 1800
μF
0.60
0.85
0.95
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR (ALTERNATIVE PART)
Denotes Lower Reflow Temperature Rated, Lower Cost Alternative


Similar Part No. - NAZJ470M16V5X61NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZJ470M16V5X6.1NBF NIC-NAZJ470M16V5X6.1NBF Datasheet
332Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZJ470M16V5X61NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com