Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWU680M200V16X17GLSF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAWU680M200V16X17GLSF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU680M200V16X17GLSF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAWU680M200V16X17GLSF Datasheet HTML 1Page - NIC-Components Corp. NAWU680M200V16X17GLSF Datasheet HTML 2Page - NIC-Components Corp. NAWU680M200V16X17GLSF Datasheet HTML 3Page - NIC-Components Corp. NAWU680M200V16X17GLSF Datasheet HTML 4Page - NIC-Components Corp. NAWU680M200V16X17GLSF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NAWU 100 M 16V 4x6.3 L B Y F
RoHS Compliant
Termination/Packaging Code: S = 100% Sn/13" Reel, LS = 100% Sn/15" Reel
B = Sn-Bi/13" Reel, LB = Sn-Bi/15" Reel
Peak Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
SPECIFICATIONS ARE SUBJECT TO CHANGE
Rated Voltage Range
6.3 ~ 400Vdc
Rate Capacitance Range
1.0 ~ 220μF
Oerating Temp. Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3μA
whichever is greater
< 1000
μF = 0.03CV +15
> 1000
μF = 0.02CV +25
Tan
δ @120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
100
160
200
400
S.V.(Vdc)
8
13
20
32
44
63
125
200
250
450
Tan
δ
0.30
0.24
0.20
0.16
0.14
0.14
0.18
0.2
0.2
0.25
Low Temperature
Stability Impedance
Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
100
160
200
400
Z-25°C/Z+20°C
4
322222336
Z-40°C/Z+20°C
10
75333366
10
Load Life Test @ 105°C
5,000hrs
Capacitance Change
Within ± 30% of initial measured value
Tan
δ
Less than 300% of specified max. value
Leakage Current
Less than specified max. value
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• HIGH TEMPERATURE, EXTEND LIFE (5000 HOURS @ 105°C)
• 4X6.3mm ~ 18X22mm CASE SIZES
• DESIGNED FOR REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
FEATURES
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Code
Peak Reflow
Temperature
L
250°C
K
245°C
J
240°C
H
235°C
G
230°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
PEAK REFLOW
TEMPERATURE CODES
TERMINATION FINISH &
PACKAGING OPTIONS CODES
Note: 16mm & 18mm diameter parts are
only available with Sn finish
Expanded
Capacitance/Voltage
Range


Similar Part No. - NAWU680M200V16X17GLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU100M16V4X6.1JBF NIC-NAWU100M16V4X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU100M35V5X6.1JBF NIC-NAWU100M35V5X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU100M50V6.3X6.1JBF NIC-NAWU100M50V6.3X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU101M6.3V6.3X6.1JBF NIC-NAWU101M6.3V6.3X6.1JBF Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU680M200V16X17GLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com