Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZJ101M16V63X8NBF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NAZJ101M16V63X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZJ101M16V63X8NBF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NAZJ101M16V63X8NBF Datasheet HTML 1Page - NIC-Components Corp. NAZJ101M16V63X8NBF Datasheet HTML 2Page - NIC-Components Corp. NAZJ101M16V63X8NBF Datasheet HTML 3Page - NIC-Components Corp. NAZJ101M16V63X8NBF Datasheet HTML 4Page - NIC-Components Corp. NAZJ101M16V63X8NBF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Diameter
Reflow
Code
Peak
Temperature
Duration
Time above
200°C
Time above
217°C
Time above
230°C
Number of Reflow Passes
4 ~ 6.3mm
φ
N
+260°C
Time > 250°C 5 sec.
70 sec.
40 sec.
30 sec.
2
N
+255°C
Time > 250°C 10 sec.
70 sec.
40 sec.
30 sec.
2
8mm
φ
J
+240°C
Time > 240°C 5 sec.
90 sec.
n/a
30 sec.
2
10mm
φ
H
°235°C
Time > 235°C 5 sec.
60 sec.
n/a
30 sec.
2
8 ~ 10mm
φ
(see note 1)
N
+260°C
Time > 250°C 5 sec.
70 sec.
40 sec.
30 sec.
1 only
N
+245°C
Time > 240°C 10 sec.
70 sec.
40 sec.
30 sec.
2
PEAK REFLOW TEMPERATURE, DURATION AND NUMBER OF REFLOW PASSES ALLOWED
1. Only one (1) reflow pass is allowed for 8mm and 10mm diameter parts (N reflow code)
if the peak reflow temperature is +260°C.
2. In situations where two reflow passes is allowed the second reflow shall be at least one hour
after natural cool to room temperature has occurred.
Surface Mount Aluminum Electrolytic Capacitors
NAZJ Series
Case Size
a
b
c
4x6.1
1.0
2.5
1.6
5x6.1
1.5
2.8
1.6
6x3x6.1
6.3x8
1.8
3.2
1.6
8x6.5
2.2
4.0
1.6
8x10.5
3.0
4.1
2.2
8x10.5
3.1
4.0
2.0
10x10.5
4.5
4.3
2.2
10x10.5
4.6
4.1
2.0
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Time Above
217°C
(see table)
Case Size
D
φ ± 0.5
L ± 0.3
A, B ± 0.2 C max. P ref. I ref.
W
R ± 0.2 R ± 0.2 T ± 0.2
8x6.5
8.0
6.5
8.3
9.5
(2.2)
3.4
0.7 ± 0.1
0.7
5.3
1.7
8x10.5
8.0
10.5
8.3
10.0
(3.1)
3.4
1.2 ± 0.2
0.7
5.3
1.3
10x10.5
10.0
10.5
10.3
12.0
(4.6)
3.4
1.2 ± 0.2
0.7
6.9
1.3
WIDE TERMINATION (WT) DIM. (mm)
Case Size
a
b
c
8x6.5
1.8
4.1
5.0
8x10.5
2.7
4.0
4.7
10x10.5
3.9
4.4
4.7
WT LAND PATTERN DIM. (mm)
Termination deflection:
WT = 0.15mm max. from
bottom of support terminals
D
φ
L
WT
Anti-Vibration
Skirt
C
W
P
A
R
R
T
B
I
I
S
a
c
b
b
a
c
b
h
g
d
f
e
WT LAND PATTERN DIM. (mm)
Case Size
a
b
c
d
e
f
g
h
8x6.5
1.8
4.1
5.0
1.3
1.5
1.4
1.5
2.0
8x10.5
2.7
4.0
4.7
1.3
1.0
1.7
1.1
2.5
10x10.5
3.9
4.4
4.7
1.3
1.2
1.9
1.1
2.5


Similar Part No. - NAZJ101M16V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZJ101M16V6.3X6.1NBF NIC-NAZJ101M16V6.3X6.1NBF Datasheet
332Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAZJ101M16V6.3X8NBF NIC-NAZJ101M16V6.3X8NBF Datasheet
332Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZJ101M16V63X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com