Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRBXW471M50V10X30F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRBXW471M50V10X30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXW471M50V10X30F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRBXW471M50V10X30F Datasheet HTML 1Page - NIC-Components Corp. NRBXW471M50V10X30F Datasheet HTML 2Page - NIC-Components Corp. NRBXW471M50V10X30F Datasheet HTML 3Page - NIC-Components Corp. NRBXW471M50V10X30F Datasheet HTML 4Page - NIC-Components Corp. NRBXW471M50V10X30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Rated Voltage Range
35 ~ 450VDC
Capacitance Range
12 ~ 1,800
μF
Operating Temperature Range
35V ~ 100V
-40°C ~ +105°C
160V ~ 450V
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°C
35V ~ 100V
0.01CV or 3
μA whichever is greater
after 2 minutes at rated voltage
160V ~ 450V
3x CV after 5 minute at rated voltage
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
35
50
63
80
100
160
200
S.V. (Vdc)
44
63
80
100
125
200
250
Tan
δ
0.12
0.10 0.09
0.08
0.08
0.20
0.20
W.V. (Vdc)
220
250
350
400
420
450
-
S.V. (Vdc)
270
300
400
450
470
500
-
Tan
δ
0.20
0.20 0.20
0.20
0.25
0.25
-
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
35
50
63
80
100
160~250
350~400
420~450
Z-25°C/Z+20°C
2
2
2
2
2
3
56
Z-40°C/Z+20°C
3
3
3
3
3
-
-
-
Load Life at W.V. & 105°C
8 ~ 18mm: 10,000 Hours
Δ Capacitance
35V ~ 100V
Within ±25% of initial measured value
160V ~ 450V
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series
CHARACTERISTICS
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH RIPPLE CURRENT
• LONG LIFE AT HIGH TEMPERATURE (10,000 Hours @ +105°C)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
8
10
12.5
16
18
Lead Dia. (D
φ)
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
Dim.
β
35 ~ 100V
2.0
-
160 ~ 450V
2.5
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
-
+
HORIZONTAL MOUNT LEAD FORMING (mm)
Case Dia. (D
φ)
8
10 & 12 16 & 18
Lead Dia. (
φd)
0.6
0.6
0.8
Lead Space (F)
3.5
5.0
7.5
Forming Code
RI
RK
RX
SG
Form Type
A
B
A
B
Lead Length (H)
4.0
3.5
PART NUMBER SYSTEM
NRB-XW 101 M 250V 12.5X30 RK F .
RoHS Compliant
Optional Horizontal Mount Lead Forming
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series


Similar Part No. - NRBXW471M50V10X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXW NIC-NRBXW Datasheet
132Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXW471M50V10X30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com