Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C056V Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C056V
Description  3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C056V Datasheet HTML 1Page - Cypress Semiconductor CY7C056V Datasheet HTML 2Page - Cypress Semiconductor CY7C056V Datasheet HTML 3Page - Cypress Semiconductor CY7C056V Datasheet HTML 4Page - Cypress Semiconductor CY7C056V Datasheet HTML 5Page - Cypress Semiconductor CY7C056V Datasheet HTML 6Page - Cypress Semiconductor CY7C056V Datasheet HTML 7Page - Cypress Semiconductor CY7C056V Datasheet HTML 8Page - Cypress Semiconductor CY7C056V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY7C056V
CY7C057V
2
PRELIMINARY
Functional Description
The CY7C056V and CY7C057V are low-power CMOS 16K
and 32K x 36 dual-port static RAMs. Various arbitration
schemes are included on the devices to handle situations
when multiple processors access the same piece of data. Two
ports are provided, permitting independent, asynchronous ac-
cess for reads and writes to any location in memory. The de-
vices can be utilized as standalone 36-bit dual-port static
RAMs or multiple devices can be combined in order to function
as a 72-bit or wider master/slave dual-port static RAM. An M/S
pin is provided for implementing 72-bit or wider memory appli-
cations without the need for separate master and slave devic-
es or additional discrete logic. Application areas include inter-
processor/multiprocessor designs, communications status
buffering, and dual-port video/graphics memory.
Each port has independent control pins: Chip Enable (CE)[3],
Read or Write Enable (R/W), and Output Enable (OE). Two
flags are provided on each port (BUSY and INT). BUSY sig-
nals that the port is trying to access the same location currently
being accessed by the other port. The Interrupt Flag (INT) per-
mits communication between ports or systems by means of a
mail box. The semaphores are used to pass a flag, or token,
from one port to the other to indicate that a shared resource is
in use. The semaphore logic is comprised of eight shared
latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared re-
source is in use. An automatic Power-Down feature is con-
trolled independently on each port by Chip Select (CE0 and
CE1) pins.
The CY7C056V and CY7C057V are available in 144-Pin Thin
Quad Plastic Flatpack (TQFP) and 172-Ball Ball Grid Array
(BGA) packages.
Note:
3.
CE is LOW when CE0 ≤ VIL and CE1 ≥ VIH.


Similar Part No. - CY7C056V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com