Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNR330M50V8x115F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NNR330M50V8x115F
Description  Non-Polar Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NNR330M50V8x115F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NNR330M50V8x115F Datasheet HTML 1Page - NIC-Components Corp. NNR330M50V8x115F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NNR220M10V5x11F
22
10
0.20
38
15.08
2,000
NNR330M10V5x11F
33
0.20
58
10.05
2,000
NNR470M10V5x11F
47
0.20
70
7.06
2,000
NNR101M10V6.3x11F
100
0.20
125
3.32
2,000
NNR221M10V8x12.5F
220
0.20
225
1.51
2,000
NNR331M10V10x12.5F
330
0.20
295
1.01
2,000
NNR471M10V10x16F
470
0.20
390
0.71
2,000
NNR102M10V12.5x20F
1000
0.20
620
0.33
2,000
NNR100M16V5x11F
10
16
0.18
28
29.86
2,000
NNR220M16V5x11F
22
0.18
50
13.57
2,000
NNR330M16V5x11F
33
0.18
60
9.05
2,000
NNR470M16V6.3x11F
47
0.18
85
6.35
2,000
NNR101M16V8x11.5F
100
0.18
165
2.99
2,000
NNR221M16V10x12.5F
220
0.18
260
1.36
2,000
NNR331M16V10x16F
330
0.18
360
0.90
2,000
NNR471M16V10x20F
470
0.18
420
0.64
2,000
NNR102M16V12.5x25F
1000
0.18
740
0.30
2,000
NNR4R7M25V5x11F
4.7
25
0.14
25
56.47
2,000
NNR100M25V5x11F
10
0.14
40
26.54
2,000
NNR220M25V5x11F
22
0.14
60
12.06
2,000
NNR330M25V6.3x11F
33
0.14
80
8.04
2,000
NNR470M25V6.3x11F
47
0.14
90
5.65
2,000
NNR101M25V8x11.5F
100
0.14
180
2.65
2,000
NNR221M25V10x16F
220
0.14
320
1.21
2,000
NNR331M25V10x20F
330
0.14
425
0.80
2,000
NNR471M25V12.5x20F
470
0.14
540
0.56
2,000
NNR4R7M35V5x11F
4.7
35
0.13
30
49.41
2,000
NNR100M35V5x11F
10
0.13
45
23.22
2,000
NNR220M35V6.3x11F
22
0.13
75
10.56
2,000
NNR330M35V6.3x11F
33
0.13
90
7.04
2,000
NNR470M35V8x11.5F
47
0.13
125
4.94
2,000
NNR101M35V10x12.5F
100
0.13
200
2.32
2,000
NNR221M35V10x20F
220
0.13
350
1.06
2,000
NNR331M35V12.5x25F
330
0.13
440
0.70
2,000
NNR471M35V12.5x25F
470
0.13
585
0.49
2,000
NNR1R0M50V5x11F
1.0
50
0.09
10
215.63
2,000
NNR2R2M50V5x11F
2.2
0.09
20
98.01
2,000
NNR3R3M50V5x11F
3.3
0.09
28
65.34
2,000
NNR4R7M50V5x11F
4.7
0.09
38
45.88
2,000
NNR100M50V6.3x11F
10
0.09
50
21.56
2,000
NNR220M50V8x11.5F
22
0.09
90
9.80
2,000
NNR330M50V8x11.5F
33
0.09
110
6.53
2,000
NNR470M50V10x12.5F
47
0.09
135
4.59
2,000
NNR101M50V10x20F
100
0.09
250
2.16
2,000
NNR221M50V12.5x25F
220
0.09
410
0.98
2,000
NNR1R0M100V5x11F
1.0
100
0.10
15
149.28
2,000
NNR2R2M100V5x11F
2.2
0.10
25
67.86
2,000
NNR3R3M100V6.3x11F
3.3
0.10
30
45.24
2,000
NNR4R7M100V6.3x11F
4.7
0.10
46
31.76
2,000
NNR100M100V8x12.5F
10
0.10
70
14.93
2,000
NNR220M100V10x16F
22
0.10
120
6.79
2,000
NNR330M100V10x20F
33
0.10
170
4.52
2,000
NNR470M100V12.5x25F
47
0.10
200
3.18
2,000
Non-Polar Aluminum Electrolytic Capacitors
NNR Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)


Similar Part No. - NNR330M50V8x115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR101M10010X12.5F NIC-NNR101M10010X12.5F Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR101M10010X16F NIC-NNR101M10010X16F Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR101M10012.5X20F NIC-NNR101M10012.5X20F Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR101M1005X11F NIC-NNR101M1005X11F Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - NNR330M50V8x115F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com