Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NREAX181M10V5x11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NREAX181M10V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREAX181M10V5x11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NREAX181M10V5x11F Datasheet HTML 1Page - NIC-Components Corp. NREAX181M10V5x11F Datasheet HTML 2Page - NIC-Components Corp. NREAX181M10V5x11F Datasheet HTML 3Page - NIC-Components Corp. NREAX181M10V5x11F Datasheet HTML 4Page - NIC-Components Corp. NREAX181M10V5x11F Datasheet HTML 5Page - NIC-Components Corp. NREAX181M10V5x11F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-AX Series
Rated Voltage Range
6.3, 8, 10 & 400Vdc
Capacitance Range
4.7 ~ 1,200
μF
Operating Temperature Range
-40 ~ +105°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C
6.3, 8 & 10Vdc
400Vdc
0.01CV or 3
μA whichever is less
(after 2 minutes)
0.04CV + 100
μA (after 1 minute)
0.02CV + 25
μA (after 5 minutes)
Max. Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
8
10
400
S.V. (Vdc)
8
10
13
450
Tan
δ
0.22
0.20
0.19
0.25
Low Temperature Stability
Inpedance Ratio @ 120Hz
W.V. (Vdc)
6.3
8
10
400
Z-25°C/Z+20°C
2
2
2
6
Z-40°C/Z+20°C
12
12
12
10
Load Life Test at
Rated W.V. @ +105°C
Hours
L < 7.5 = 1,000, L > 9 = 2,000
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
HIGH CV, RADIAL LEADS, POLARIZED
FEATURES
• LOW AND HIGH VOLTAGE, WIDE TEMPERATURE
• NEW REDUCED SIZES
CHARACTERISTICS
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Impedance (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NRE-AX820M6.3V5X7F
82
6.3
0.22
510
0.25
1,000
NRE-AX221M6.3V6.3X7F
220
0.22
720
0.13
1,000
NRE-AX221M6.3V5X11F
220
0.22
800
0.14
2,000
NRE-AX331M6.3V6.3X9F
330
0.22
970
0.083
2,000
NRE-AX471M6.3V6.3X9F
470
0.22
970
0.083
2,000
NRE-AX471M6.3V8X7.5F
470
0.22
1080
0.065
1,000
NRE-AX471M6.3V6.3X11F
470
0.22
1140
0.067
2,000
NRE-AX561M6.3V6.3X15F
560
0.22
1370
0.054
2,000
NRE-AX681M6.3V8X9F
680
0.22
1360
0.049
2,000
NRE-AX821M6.3V8X10.8F
820
0.22
1600
0.042
2,000
NRE-AX102M6.3V8X16F
1000
0.22
2010
0.027
2,000
NRE-AX102M6.3V10X9F
1000
0.22
1540
0.036
2,000
NRE-AX122M6.3V10X12.5F
1200
0.22
1970
0.025
2,000
NRE-AX750M8V5X7F
75
8
0.20
510
0.25
1,000
NRE-AX201M8V6.3X7F
200
0.20
720
0.13
1,000
NRE-AX201M8V5X11F
200
0.20
800
0.14
2,000
NRE-AX301M8V6.3X9F
300
0.20
970
0.083
2,000
NRE-AX391M8V8X7.5F
390
0.20
1080
0.065
1,000
NRE-AX431M8V6.3X11F
430
0.20
1140
0.067
2,000
NRE-AX511M8V6.3X15F
510
0.20
1370
0.054
2,000
NRE-AX621M8V8X9F
620
0.20
1360
0.049
2,000
NRE-AX751M8V8X10.8F
750
0.20
1600
0.042
2,000
NRE-AX911M8V8X16F
910
0.20
2010
0.027
2,000
NRE-AX911M8V10X9F
910
0.20
1540
0.036
2,000
NRE-AX112M8V10X12.5F
1100
0.20
1970
0.025
2,000
NRE-AX680M10V5x7F
68
10
0.19
510
0.25
1,000
NRE-AX181M10V6.3x7F
180
0.19
720
0.13
1,000
NRE-AX181M10V5x11F
180
0.19
800
0.14
2,000
NRE-AX271M10V6.3x9F
270
0.19
970
0.083
2,000
NRE-AX331M10V8x7.5F
330
0.19
1080
0.065
1,000
NRE-AX391M10V6.3x11F
390
0.19
1140
0.067
2,000
NRE-AX471M10V6.3x15F
470
0.19
1370
0.054
2,000
NRE-AX561M10V8x9F
560
0.19
1360
0.049
2,000
NRE-AX681M10V8x10.8F
680
0.19
1600
0.042
2,000
NRE-AX821M10V8x16F
820
0.19
2010
0.027
2,000
NRE-AX821M10V10x9F
820
0.19
1540
0.036
2,000
NRE-AX102M10V10x12.5F
1000
0.19
1970
0.025
2,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
New Values


Similar Part No. - NREAX181M10V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREAX NIC-NREAX Datasheet
115Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NREAX181M10V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com