Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBD4.0 Datasheet(PDF) 2 Page - Clare, Inc.

Part # UBD4.0
Description  HIGH-SPEED TRANSIENT SURGE PROTECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

UBD4.0 Datasheet(HTML) 2 Page - Clare, Inc.

  UBD4.0 Datasheet HTML 1Page - Clare, Inc. UBD4.0 Datasheet HTML 2Page - Clare, Inc. UBD4.0 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
562
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
HIGH-SPEED TRANSIENT SURGE PROTECTORS
UNI-IMPS
All characteristics at 25˚C
UBD-550
UBD-600
UBD-650
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
495
550
605
540
600
660
585
650
715
V
Impulse Breakdown
5kV/
µsV
bd
-
-
660
-
-
720
-
-
780
V
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
20.0
-
-
20.0
-
-
20.0
pF
Life Ratings
Surge Life
3kA (PW=15
µs)
-
330
-
-
420
-
-
500
-
-
surges
UBD-750
UBD-850
UBD-1.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
675
750
825
765
850
935
900
1000
1100
V
Impulse Breakdown
5kV/
µsV
bd
-
-
900
-
-
1020
-
-
1200
V
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
20.0
-
-
20.0
-
-
15.0
pF
Life Ratings
Surge Life
3kA (PW=15
µs)
660
-
-
830
-
-
1080
-
-
surges
UBD-1.2
UBD-1.5
UBD-2.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
1.08
1.20
1.32
1.35
1.50
1.65
1.80
2.00
2.20
kV
Impulse Breakdown
5kV/
µsV
bd
-
-
1.44
-
-
1.80
-
-
2.40
kV
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
15.0
-
-
15.0
-
-
10.0
pF
Life Ratings
Surge Life
3kA (PW=15
µs)
-
1410
-
-
1900
-
-
2400
-
-
surges
UBD-2.5
UBD-3.0
UBD-4.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
2.25
2.50
2.75
2.70
3.00
3.30
3.60
4.00
4.40
kV
Impulse Breakdown
5kV/
µsV
bd
-
-
3.00
-
-
3.60
-
-
4.80
kV
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
10.0
-
-
5.0
-
-
5.0
pF
Life Ratings
Surge Life
3kA (PW=15
µs)
-
2400
-
-
2400
-
-
2400
-
-
surges
UBT-4.0
UBT-5.0
UBT-6.0
UGT-4.0
UGT5.0
UGT-6.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
3.60
4.00
4.40
4.50
5.00
5.50
5.40
6.00
6.60
kV
Impulse Breakdown
5kV/
µsV
bd
-
-
4.80
-
-
6.00
-
-
7.20
kV
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
5.0
-
-
3.0
-
-
3.0
pF
Life Ratings
Surge Life
10kA (PW=5
µs)
-
1300
-
-
1300
-
-
1300
-
-
surges


Similar Description - UBD4.0

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PMT275 CLARE-PMT275 Datasheet
29Kb / 3P
   HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
PMT301 CLARE-PMT301 Datasheet
59Kb / 3P
   HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
   Lightning Surge Protectors for Lightning Surge Protectors for
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
   Thyristor Surge Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com