Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACY680M100V125X14TR15F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACY680M100V125X14TR15F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACY680M100V125X14TR15F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACY680M100V125X14TR15F Datasheet HTML 1Page - NIC-Components Corp. NACY680M100V125X14TR15F Datasheet HTML 2Page - NIC-Components Corp. NACY680M100V125X14TR15F Datasheet HTML 3Page - NIC-Components Corp. NACY680M100V125X14TR15F Datasheet HTML 4Page - NIC-Components Corp. NACY680M100V125X14TR15F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100kHz
Max. Z (
Ω)
+20°C/100kHz
Load Life Hours
@ +105°C
NACY331M35V10X10.5TR13F
330
35
0.14
850
0.08
2,000
NACY471M35V12.5X14TR15F
470
0.14
1150
0.058
2,000
NACY681M35V12.5X14TR15F
680
0.14
1150
0.058
2,000
NACY102M35V16X17TR15F
1000
0.14
1800
0.035
2,000
NACY152M35V16X17TR15F
1500
0.14
1800
0.035
2,000
NACY4R7M50V4X6.3TR13F
4.7
50
0.12
64
2.55
1,000
NACY100M50V6.3X6.3TR13F
10
0.12
215
0.52
1,000
NACY220M50V6.3X6.3TR13F
22
0.12
215
0.52
1,000
NACY330M50V6.3X8TR13F
33
0.12
243
0.44
1,000
NACY470M50V6.3X8TR13F
47
0.12
243
0.44
1,000
NACY101M50V8X10.5TR13F
100
0.14
400
0.22
2,000
NACY221M50V10X10.5TR13F
220
0.14
585
0.13
2,000
NACY331M50V12.5X14TR15F
330
0.14
800
0.10
2,000
NACY102M50V16X17TR15F
1000
0.14
1610
0.065
2,000
NACY4R7M63V5X6.3TR13F
4.7
63
0.10
55
2.00
1,000
NACY100M63V6.3X6.3TR13F
10
0.10
90
1.00
1,000
NACY220M63V6.3X8TR13F
22
0.10
135
0.80
1,000
NACY330M63V8X10.5TR13F
33
0.12
280
0.35
2,000
NACY470M63V8X10.5TR13F
47
0.12
280
0.35
2,000
NACY101M63V10X10.5TR13F
100
0.12
480
0.20
2,000
NACY221M63V12.5X14TR15F
220
0.12
800
0.14
2,000
NACY471M63V16X17TR15F
470
0.12
1410
0.065
2,000
NACY4R7M80V6.3X6.3TR13F
4.7
80
0.08
45
2.40
1,000
NACY100M80V6.3X8TR13F
10
0.08
65
2.00
1,000
NACY220M80V8X10.5TR13F
22
0.10
140
0.90
2,000
NACY330M80V8X10.5TR13F
33
0.10
140
0.90
2,000
NACY470M80V10X10.5TR13F
47
0.10
220
0.50
2,000
NACY680M80V12.5X14TR15F
68
0.10
500
0.24
2,000
NACY101M80V12.5X14TR15F
100
0.10
500
0.24
2,000
NACY151M80V12.5X14TR15F
150
0.10
500
0.24
2,000
NACY331M80V16X17TR15F
330
0.10
800
0.14
2,000
NACY2R2M100V6.3X6.3TR13F
2.2
100
0.07
42
2.70
1,000
NACY3R3M100V6.3X6.3TR13F
3.3
0.07
45
2.40
1,000
NACY4R7M100V6.3X6.3TR13F
4.7
0.07
45
2.40
1,000
NACY100M100V6.3X8TR13F
10
0.07
65
2.00
1,000
NACY220M100V8X10.5TR13F
22
0.08
140
0.90
2,000
NACY330M100V10X10.5TR13F
33
0.08
220
0.50
2,000
NACY470M100V12.5X14TR15F
47
0.08
500
0.24
2,000
NACY680M100V12.5X14TR15F
68
0.08
500
0.24
2,000
NACY101M100V16X17TR15F
100
0.08
800
0.14
2,000
NACY151M100V16X17TR15F
150
0.08
800
0.14
2,000
Surface Mount Aluminum Electrolytic Capacitors NACY Series
Frequency < 120Hz
< 1KHz
< 10KHz < 100KHz
Correction
Factor
0.75
0.85
0.95
1.00
RIPPLE CURRENT
FREQUENCY CORRECTION FACTOR
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system
NACY 100 M 25V 4x6.3 TR 13 Y F
RoHS Compliant
13 = 13” (330mm) Reel, 15 = 15" (380mm) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in mF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Optional: Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NACY680M100V125X14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACY680M100V10X10.5TR13F NIC-NACY680M100V10X10.5TR13F Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACY680M100V125X14TR15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com