Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZT221M25V8X105NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZT221M25V8X105NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT221M25V8X105NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZT221M25V8X105NBF Datasheet HTML 1Page - NIC-Components Corp. NAZT221M25V8X105NBF Datasheet HTML 2Page - NIC-Components Corp. NAZT221M25V8X105NBF Datasheet HTML 3Page - NIC-Components Corp. NAZT221M25V8X105NBF Datasheet HTML 4Page - NIC-Components Corp. NAZT221M25V8X105NBF Datasheet HTML 5Page - NIC-Components Corp. NAZT221M25V8X105NBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Impedance (
Ω)
100KHz, +20°C
Max. Ripple Current (mA rms)
+105°C, 100KHz
Load Life Hours
@ +105°C
NAZT270M6.3V4X6.3NBF
27
6.3
0.26
1.45
90
2,000
NAZT330M6.3V5X6.3NBF
33
0.26
0.70
170
2,000
NAZT470M6.3V5X6.3NBF
47
0.26
0.70
170
2,000
NAZT560M6.3V5X6.3NBF
56
0.26
0.70
170
2,000
NAZT680M6.3V6.3X6.3NBF
68
0.26
0.39
250
2,000
NAZT101M6.3V5X6.3NBF
100
0.26
0.70
170
2,000
NAZT101M6.3V6.3X6.3NBF
100
0.26
0.39
250
2,000
NAZT151M6.3V6.3X6.3NBF
150
0.26
0.39
250
2,000
NAZT221M6.3V6.3X6.3NBF
220
0.26
0.39
250
2,000
NAZT331M6.3V6.3X8NBF
330
0.26
0.30
300
2,000
NAZT471M6.3V8X10.5NBF
470
0.28
0.17
600
5,000
NAZT681M6.3V8X10.5NBF
680
0.28
0.17
600
5,000
NAZT681M6.3V10X8JBF
680
0.28
0.17
600
2,000
NAZT102M6.3V8X10.5NBF
1000
0.28
0.17
600
5,000
NAZT152M6.3V10X10.5LBF
1500
0.28
0.09
850
5,000
NAZT222M6.3V12.5X14KLBF
2200
0.30
0.066
1100
5,000
NAZT682M6.3V16X17JLSF
6800
0.38
0.035
1800
5,000
NAZT822M6.3V18X17.5JLSF
8200
0.42
0.033
2060
5,000
NAZT103M6.3V18X17.5JLSF 10000
0.46
0.033
2060
5,000
NAZT123M6.3V18X22JLSF
12000
0.50
0.028
2260
5,000
NAZT220M10V4X6.3NBF
22
10
0.20
1.45
90
2,000
NAZT270M10V5X6.3NBF
27
0.20
0.70
170
2,000
NAZT330M10V5X6.3NBF
33
0.20
0.70
170
2,000
NAZT470M10V6.3X6.3NBF
47
0.20
0.39
250
2,000
NAZT560M10V6.3X6.3NBF
56
0.20
0.39
250
2,000
NAZT680M10V6.3X6.3NBF
68
0.20
0.39
250
2,000
NAZT101M10V6.3X6.3NBF
100
0.20
0.39
250
2,000
NAZT151M10V6.3X6.3NBF
150
0.20
0.39
250
2,000
NAZT221M10V6.3X8NBF
220
0.20
0.30
300
2,000
NAZT331M10V8X10.5NBF
330
0.24
0.17
600
5,000
NAZT471M10V8X10.5NBF
470
0.24
0.17
600
5,000
NAZT471M10V10X8JBF
470
0.24
0.17
600
2,000
NAZT681M10V10X10.5LBF
680
0.24
0.09
850
5,000
NAZT102M10V10X10.5LBF
1000
0.24
0.09
850
5,000
NAZT152M10V10X14LLBF
1500
0.24
0.07
950
5,000
NAZT152M10V12.5X14KLBF
1500
0.24
0.066
1100
5,000
NAZT222M10V12.5X14KLBF
2200
0.26
0.066
1100
5,000
NAZT472M10V16X17JLSF
4700
0.30
0.035
1800
5,000
NAZT682M10V18X17.5JLSF
6800
0.34
0.033
2060
5,000
NAZT822M10V18X22JLSF
8200
0.38
0.028
2260
5,000
NAZT150M16V4X6.3NBF
15
16
0.16
1.45
90
2,000
NAZT220M16V5X6.3NBF
22
0.16
0.70
170
2,000
NAZT270M16V5X6.3NBF
27
0.16
0.70
170
2,000
NAZT330M16V6.3X6.3NBF
33
0.16
0.39
250
2,000
NAZT470M16V6.3X6.3NBF
47
0.16
0.39
250
2,000
NAZT560M16V6.3X6.3NBF
56
0.16
0.39
250
2,000
NAZT680M16V6.3X6.3NBF
68
0.16
0.39
250
2,000
NAZT101M16V6.3X6.3NBF
100
0.16
0.39
250
2,000
NAZT151M16V6.3X8NBF
150
0.16
0.30
300
2,000
NAZT221M16V6.3X8NBF
220
0.16
0.30
300
2,000
NAZT331M16V8X10.5NBF
330
0.22
0.17
600
5,000
NAZT331M16V10X8JBF
330
0.22
0.17
600
2,000
NAZT471M16V8X10.5NBF
470
0.22
0.17
600
5,000
NAZT681M16V10X10.5LBF
680
0.22
0.09
850
5,000
NAZT102M16V10X14LLBF
1000
0.22
0.07
950
5,000
NAZT102M16V12.5X14KLBF
1000
0.22
0.066
1100
5,000
NAZT152M16V12.5X14KLBF
1500
0.22
0.06
1100
5,000
NAZT332M16V16X17JLSF
3300
0.26
0.035
1800
5,000
NAZT472M16V18X17.5JLSF
4700
0.28
0.033
2060
5,000
NAZT562M16V18X22JLSF
5600
0.30
0.028
2260
5,000
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
For Automotive Equipment, see part number system


Similar Part No. - NAZT221M25V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT221M25V8X10.5NBF NIC-NAZT221M25V8X10.5NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT221M25V8X105NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com