Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C056V-10BAC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C056V-10BAC
Description  3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-10BAC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C056V-10BAC Datasheet HTML 4Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 9Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 10Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 11Page - Cypress Semiconductor CY7C056V-10BAC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY7C056V
CY7C057V
8
PRELIMINARY
Switching Characteristics Over the Operating Range[13]
Parameter
Description
CY7C056V
CY7C057V
Unit
-10
-12
-15
-20
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
10
12
15
20
ns
tAA
Address to Data Valid
10
12
15
20
ns
tOHA
Output Hold From Address
Change
33
3
3
ns
tACE
[3, 14]
CE LOW to Data Valid
10
12
15
20
ns
tDOE
OE LOW to Data Valid
6
8
10
12
ns
tLZOE
[3, 15, 16, 17]
OE Low to Low Z
0
0
0
0
ns
tHZOE
[3, 15, 16, 17]
OE HIGH to High Z
8
10
10
12
ns
tLZCE
[3, 13, 16, 17]
CE LOW to Low Z
3
3
3
3
ns
tHZCE
[3, 15, 16, 17]
CE HIGH to High Z
8
10
10
12
ns
tLZBE
Byte Enable to Low Z
3
3
3
3
ns
tHZBE
Byte Enable to High Z
8
10
10
12
ns
tPU
[3, 17]
CE LOW to Power-Up
0
0
0
0
ns
tPD
[3, 17]
CE HIGH to Power-Down
10
12
15
20
ns
tABE
[14]
Byte Enable Access Time
10
12
15
20
ns
Write Cycle
tWC
Write Cycle Time
10
12
15
20
ns
tSCE
[3, 14]
CE LOW to Write End
7.5
10
12
15
ns
tAW
Address Valid to Write End
7.5
10
12
15
ns
tHA
Address Hold From Write
End
00
0
0
ns
tSA
[14]
Address Set-Up to Write
Start
00
0
0
ns
tPWE
Write Pulse Width
7.5
10
12
15
ns
tSD
Data Set-Up to Write End
7.5
10
10
15
ns
tHD
Data Hold From Write End
0
0
0
0
ns
tHZWE
[16, 17]
R/W LOW to High Z
8
10
10
12
ns
tLZWE
[16, 17]
R/W HIGH to Low Z
3
3
3
3
ns
tWDD
[18]
Write Pulse to Data Delay
20
25
30
45
ns
tDDD
[18]
Write Data Valid to Read
Data Valid
16
20
25
30
ns
Busy Timing[19]
tBLA
BUSY LOW from Address
Match
10
12
15
20
ns
tBHA
BUSY HIGH from Address
Mismatch
10
12
15
20
ns
tBLC
BUSY LOW from CE LOW
10
12
15
20
ns
Notes:
13. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOI/IOH and 10-pF load capacitance.
14. To access RAM, CE = L and SEM = H. To access semaphore, CE = H and SEM = L. Either condition must be valid for the entire tSCE time.
15. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
16. Test conditions used are Load 2.
17. This parameter is guaranteed by design, but it is not production tested. For information on port-to-port delay through RAM cells from writing port to reading
port, refer to Read Timing with Busy waveform.
18. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
19. Test conditions used are Load 1.


Similar Part No. - CY7C056V-10BAC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V-12AC CYPRESS-CY7C056V-12AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V-12AXC CYPRESS-CY7C056V-12AXC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V-12BBC CYPRESS-CY7C056V-12BBC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V-12BBC CYPRESS-CY7C056V-12BBC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V-10BAC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com