Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRBXY181M450V18X45F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRBXY181M450V18X45F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXY181M450V18X45F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRBXY181M450V18X45F Datasheet HTML 1Page - NIC-Components Corp. NRBXY181M450V18X45F Datasheet HTML 2Page - NIC-Components Corp. NRBXY181M450V18X45F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRB-XY Series
Frequency (Hz)
60
120
500
1K
>10K
400 ~ 450V
0.8
1.0
1.25
1.40
1.50
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
DIAMETER AND LEADSPACE (mm)
Case Dia. (D
φ)
10
12.5 14.5
16
18
Lead Dia. (d
φ)
0.6
0.6
0.8
0.8
0.8
Lead Spacing (F)
5.0
5.0
7.5
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
Dim.
β
2.0
2.0
2.0
2.0
2.0
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+
Taping Dimensions (mm)
NOTE: ANODE (+) LEAD FEEDS OFF FIRST.
FOR OPTION OF NEGATIVE (_) LEAD FIRST,
SPECIFY “TBN”.
Case Dia.
(D
φ)
10
12.5
Case Size
All
Dim.
d
φ
0.6 ± 0.05
H
18.5 +0.75/-0.5
F
5.0 +0.8/-0.2
P
12.7 ± 1.0
25.4* ± 1.0
P
0
12.7 ±0.2
P
1
3.85
P
2
6.35 ± 1.0
W
18.0 ± 0.5
W
0
11.5 min
W
1
9.0 ± 0.5
W
2
0 ~ 2.5
H
0
16.0 ± 0.5
I
1.0 max.
D
0
φ
4.0 ± 0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ± 0.2 (not including lead)
*Optional Taping Specifications
12.5mm diameter available with P dim. = 15mm, P1= 5.0mm,
P0 = 15.0mm & P2 = 7.5mm (P/N Suffix: TB15MMP)
RADIAL TAPING (5mm LEAD SPACING) TB
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S
∅D
0
∅d
W
1
H


Similar Part No. - NRBXY181M450V18X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXY NIC-NRBXY Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRBXY181M450V18X45F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXL NIC-NRBXL Datasheet
105Kb / 5P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com