Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBT5.0 Datasheet(PDF) 3 Page - Clare, Inc.

Part # UBT5.0
Description  HIGH-SPEED TRANSIENT SURGE PROTECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

UBT5.0 Datasheet(HTML) 3 Page - Clare, Inc.

  UBT5.0 Datasheet HTML 1Page - Clare, Inc. UBT5.0 Datasheet HTML 2Page - Clare, Inc. UBT5.0 Datasheet HTML 3Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPECIFICATIONS
563
www.cpclare.com
HIGH-SPEED TRANSIENT SURGE PROTECTORS
UNI-IMPS
All characteristics at 25˚C
UBT-15.0
UBT-20.0
UGT-15.0
UGT-20.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
13.5
15.0
16.5
18.0
20.0
22.0
kV
Impulse Breakdown
5KV/
µsV
bd
-
-
18.0
-
-
24.0
kV
Insulation Resistance
100V
IR
1010
--
1010
--
Capacitance
1MHz
C
-
-
2.0
-
-
2.0
pF
Life Ratings
Surge Life
10kA (PW=5
µs)
-
1300
-
-
1300
-
-
surges
MECHANICAL DIMENSIONS
DIMENSIONS
mm
(inches)
ORDERING INFORMATION
14.96
± 0.79 DIA.
(0.589
± 0.031)
20.64
± 1.59
(0.812
± 0.063)
14.29
± 1.59
(0.562
± 0.063)
6.32
± 1.59
(0.249
± 0.063)
UBD SERIES
14.96
± 0.79 DIA.
(0.589
± 0.031)
30.16
± 1.59
(1.187
± 0.063)
7.94
± 1.59
(0.312
± 0.063)
7.94
± 1.59
(0.312
± 0.063)
UBT SERIES
14.22
± 0.79 DIA.
(0.560
± 0.031)
54.28
± 1.59
(2.137
± 0.063)
7.94
± 1.59
(0.312
± 0.063)
7.94
± 1.59
(0.312
± 0.063)
UGT SERIES
UBT-7.5
UBT-10.0
UBT-12.0
UGT-7.5
UGT-10.0
UGT-12.0
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
100V/s
V
BD
6.75
7.50
8.25
9.0
10.0
11.0
10.8
12.0
13.2
kV
Impulse Breakdown
5KV/
µsV
bd
-
-
4.8
-
-
6
-
-
7.2
kV
Insulation Resistance
100V
IR
1010
--
1010
--
1010
--
Capacitance
1MHz
C
-
-
5.0
-
-
3.0
-
-
3.0
pF
Life Ratings
Surge Life
10kA (PW=5
µs)
-
1300
-
-
1300
-
-
1300
-
-
surges
UBT- X.X
for 4.0-9.0kV
UBT-XX.X
for 10.0-20.0kV
UGT- X.X
for 4.0-9.0kV
UGT-XX.X
for 10.0-20.0kV
Series
UBD
UBT
UGT
Breakdown Voltage
See specifications
tables
UNI-IMPS with other breakdown voltages in the 0.55 to 20kV range
are available on request. All UNI-IMPs are available with .360 O.D.
endcaps. UGTs are also available with .250 O.D. endcaps. UBDs are
available with a threaded male termination (#8-20) on one end.
A complete part number is represented by the digits below.
Breakdown voltages are expressed in Volts for devices <1000V and
kV for devices
≥1kV. For example, UBD-550 is a 550V UBD series
device, and UBT-10.0 is a 10kV UBT series device.


Similar Part No. - UBT5.0

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBT1A101MPD NICHICON-UBT1A101MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBT1A102MPD NICHICON-UBT1A102MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBT1A220MPD NICHICON-UBT1A220MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBT1A221MPD NICHICON-UBT1A221MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBT1A222MPD NICHICON-UBT1A222MPD Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UBT5.0

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PMT275 CLARE-PMT275 Datasheet
29Kb / 3P
   HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
PMT301 CLARE-PMT301 Datasheet
59Kb / 3P
   HIGH-SPEED, HIGH-CURRENT SURGE PROTECTORS
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
   Lightning Surge Protectors for Lightning Surge Protectors for
logo
Bourns Electronic Solut...
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
   High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
   High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
   High-Speed Protectors
TBU-PL BOURNS-TBU-PL Datasheet
628Kb / 7P
   High-Speed Protectors
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
   Thyristor Surge Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com