Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGBR20V50C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR20V50C
Description  DUAL MOS GATED BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR20V50C Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR20V50C Datasheet HTML 1Page - Unisonic Technologies MGBR20V50C Datasheet HTML 2Page - Unisonic Technologies MGBR20V50C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR20V50C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-164.b
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
50
V
Working Peak Reverse Voltage
VRWM
50
V
Peak Repetitive Reverse Voltage
VRRM
50
V
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50%
Duty Cycle
Per Leg
IO
10
A
Total
20
A
Peak Forward Surge Current - 1/2 60hz
IFSM
150
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
2
A
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/μS
Operating Junction Temperature
TJ
-65~+150
°C
Storage Junction Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
2
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
50
V
Forward Voltage
VFM
IF=10A, TJ=25°C
0.55
V
IF=10A, TJ=125°C
0.50
V
Reverse Current (Note 1)
IRM
VR=50V, TJ=25°C
500
µA
VR=50V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MGBR20V50C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR20V50 UTC-MGBR20V50 Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20V50G-K08-5060-R UTC-MGBR20V50G-K08-5060-R Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20V50G-TA2- UTC-MGBR20V50G-TA2- Datasheet
166Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20V50G-TA2-T UTC-MGBR20V50G-TA2-T Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
MGBR20V50L-K08-5060-R UTC-MGBR20V50L-K08-5060-R Datasheet
123Kb / 3P
   MOS GATED BARRIER RECTIFIER
More results

Similar Description - MGBR20V50C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR10L60C UTC-MGBR10L60C Datasheet
154Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45C UTC-MGBR30S45C Datasheet
120Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S60C UTC-MGBR30S60C Datasheet
111Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40L60C UTC-MGBR40L60C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40S100C UTC-MGBR40S100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40V60C UTC-MGBR40V60C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40V100C UTC-MGBR40V100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR10U100C UTC-MGBR10U100C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR10V100C UTC-MGBR10V100C_15 Datasheet
133Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR40L45C UTC-MGBR40L45C_15 Datasheet
129Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com