Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W137 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W137
Description  Bx Notebook System Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W137 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W137 Datasheet HTML 1Page - Cypress Semiconductor W137 Datasheet HTML 2Page - Cypress Semiconductor W137 Datasheet HTML 3Page - Cypress Semiconductor W137 Datasheet HTML 4Page - Cypress Semiconductor W137 Datasheet HTML 5Page - Cypress Semiconductor W137 Datasheet HTML 6Page - Cypress Semiconductor W137 Datasheet HTML 7Page - Cypress Semiconductor W137 Datasheet HTML 8Page - Cypress Semiconductor W137 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W137
5
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause per-
manent damage to the device. These represent a stress rating
only. Operation of the device at these or any other conditions
above those specified in the operating sections of this specifi-
cation is not implied. Maximum conditions for extended peri-
ods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics:
TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%; CPU0:1 = 66.6/100 MHz
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD3PD
3.3V Supply Current in Power-down mode
PWR_DWN# = 0
1
5
mA
IDD3
3.3V Supply Current
Outputs Loaded[1]
80
100
mA
IDD2
2.5V Supply Current
Outputs Loaded[1]
30
45
mA
IDD2PD
2.5V Supply Current in Power-down mode
PWR_DWN# = 0
0.2 µA
1
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[2]
–25
µA
IIH
Input High Current[2]
10
µA
IIL
Input Low Current (SEL100/66#)
–5µA
IIH
Input High Current (SEL100/66#)
+5
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
PCI_F, PCI1:5,
REF0:1
IOH = –1 mA
3.1
V
VOH
Output High Voltage
CPU0:1
IOH = –1 mA
2.2
V
IOL
Output Low Current:
CPU0:1
VOL = 1.25V
80
120
180
mA
PCI_F, PCI1:5
VOL = 1.5V
70
110
140
mA
REF0:1
VOL = 1.5V
50
70
90
mA
IOH
Output High Current
CPU0:1
VOH = 1.25V
80
120
180
mA
PCI_F, PCI1:5
VOH = 1.5V
70
110
140
mA
REF0:1
VOH = 1.5V
50
70
90
mA
Crystal Oscillator
VTH
X1 Input Threshold Voltage[3]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, As Seen by External Crystal[4]
14
pF
CIN,X1
X1 Input Capacitance[5]
Pin X2 unconnected
28
pF
Notes:
1.
All clock outputs loaded with 6" 60
Ω transmission lines with 20-pF capacitors.
2.
CPU_STOP#, PCI_STOP#, PWR_DWN#, SPREAD#, and SEL48# logic inputs have internal pull-up resistors (not CMOS level).
3.
X1 input threshold voltage (typical) is VDD/2.
4.
The W137 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is
14 pF; this includes typical stray capacitance of short PCB traces to crystal.
5.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).


Similar Part No. - W137

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W137 SPECTRALINEAR-W137 Datasheet
131Kb / 8P
   FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
W137H SPECTRALINEAR-W137H Datasheet
131Kb / 8P
   FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
W137HT SPECTRALINEAR-W137HT Datasheet
131Kb / 8P
   FTG for Mobile 440BX & Transmeta?셲 Crusoe CPU
More results

Similar Description - W137

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W48C101-01 SPECTRALINEAR-W48C101-01 Datasheet
159Kb / 8P
   Spread Spectrum BX System Frequency Generator
logo
Cypress Semiconductor
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
   Spread Spectrum BX System Frequency Generator
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W133 CYPRESS-W133 Datasheet
146Kb / 12P
   Spread Spectrum System Frequency Synthesizer
CY24242 CYPRESS-CY24242 Datasheet
224Kb / 10P
   Laser Printer System Frequency Synthesizer
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158 Datasheet
166Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
Cypress Semiconductor
W164 CYPRESS-W164_02 Datasheet
142Kb / 12P
   Spread Spectrum Desktop/Notebook System Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com