Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-FL3R3M100V5x11F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-FL3R3M100V5x11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-FL3R3M100V5x11F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-FL3R3M100V5x11F Datasheet HTML 1Page - NIC-Components Corp. NRE-FL3R3M100V5x11F Datasheet HTML 2Page - NIC-Components Corp. NRE-FL3R3M100V5x11F Datasheet HTML 3Page - NIC-Components Corp. NRE-FL3R3M100V5x11F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-FL Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Max.
Tan
δ
Max. LC
2 minutes
(
μA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
Load Life Hours
@ +105°C
100KHz/20°C
NRE-FL101M6.3V5x11F
100
6.3
0.22
6.3
0.90
150
4,000
NRE-FL221M6.3V6.3x11F
220
0.22
13.2
0.40
250
4,000
NRE-FL331M6.3V6.3x11F
330
0.22
18.9
0.40
250
4,000
NRE-FL471M6.3V8x11.5F
470
0.22
29.61
0.25
400
6000
NRE-FL102M6.3V10x12.5F
1000
0.22
63
0.16
580
6000
NRE-FL222M6.3V12.5x20F
2200
0.24
138.6
0.062
1300
8000
NRE-FL332M6.3V12.5x20F
3300
0.26
207.9
0.062
1300
8000
NRE-FL472M6.3V16x25F
4700
0.28
296.1
0.034
1850
8000
NRE-FL682M6.3V16x25F
6800
0.32
428.4
0.034
1850
8000
NRE-FL103M6.3V16x31.5F 10000
0.40
630
0.029
2000
8000
NRE-FL153M6.3V18x35.5F 15000
0.50
945
0.025
2200
8000
NRE-FL101M10V5x11F
100
10
0.19
10
0.90
150
4,000
NRE-FL221M10V6.3x11F
220
0.19
22
0.40
250
4,000
NRE-FL331M10V8x11.5F
330
0.19
33
0.25
400
6000
NRE-FL471M10V8x11.5F
470
0.19
47
0.25
400
6000
NRE-FL102M10V10x16F
1000
0.19
100
0.12
770
6000
NRE-FL222M10V12.5x20F
2200
0.21
220
0.062
1300
8000
NRE-FL332M10V12.5x25F
3300
0.23
330
0.048
1650
8000
NRE-FL472M10V16x25F
4700
0.25
470
0.034
1850
8000
NRE-FL682M10V16x31.5F
6800
0.29
680
0.029
2000
8000
NRE-FL103M10V18x35.5F
10000
0.37
1000
0.025
2200
8000
Cap. (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
160
200
250
1.0
1R0
-
-
-
-
-
5x11
-
5x11
-
-
-
2.2
2R2
-
-
-
-
-
5x11
-
5x11
-
-
-
3.3
3R3
-
-
-
-
-
5x11
-
5x11
-
-
-
4.7
4R7
-
-
-
-
-
5x11
-
5x11
-
-
-
10
100
-
-
-
-
-
5x11
5x11
6.3x11
-
-
-
22
220
-
-
-
-
-
5x11
6.3x11
8x11.5
10x20
10x20
10x20
33
330
-
-
-
5x11
5x11
6.3x11
6.3x11 10x12.5 12.5x20 12.5x25 12.5x25
47
470
-
-
5x11
5x11
6.3x11
6.3x11
8x11.5
10x16 12.5x25 12.5x25 16x25
68
680
-
-
-
-
-
-
-
-
12.5x25 16x25 16x31.5
100
101
5x11
5x11
6.3x11
6.3x11
8x11.5
8x11.5 10x12.5 12.5x20 16x25 16x31.5 16x35.5
150
151
-
-
-
-
-
-
-
-
16x31.5 16x35.5
-
220
221
6.3x11
6.3x11
8x11.5
8x11.5 10x12.5 10x16
10x20
16x25 18x35.5 18x35.5
-
330
331
6.3x11
8x11.5
8x11.5 10x12.5 10x16
10x20 12.5x20 16x25
-
-
-
470
471
8x11.5
8x11.5 10x12.5 10x16
10x20 12.5x20 12.5x25
-
-
-
-
1000
102
10x12.5 10x16
10x20 12.5x20 12.5x25 16x25 16x31.5
-
-
-
-
2200
222
12.5x20 12.5x20 12.5x25 16x25 16x31.5 18x35.5
-
-
-
-
-
3300
332
12.5x20 12.5x25 16x25 16x31.5 18x35.5
-
-
-
-
-
-
4700
472
16x25
16x25 16x31.5 18x35.5
-
-
-
-
-
-
-
6800
682
16x25 16x31.5 18x35.5
-
-
-
-
-
-
-
-
10000
103
16x31.5 18x35.5
-
-
-
-
-
-
-
-
-
15000
153
18x35.5
-
-
-
-
-
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Dia. (D
φ)
0.5 0.5 0.6 0.6 0.6 0.8 0.8
Lead Spacing (F) 2.0 2.5 3.5 5.0 5.0 7.5 7.5
Dim.
α
0.5 0.5 0.5 0.5 0.5 0.5 0.5
Dim.
β
L<16mm: 1.5mm, L>20mm: 2.0mm
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for
details on taped format packaging.
-
+


Similar Part No. - NRE-FL3R3M100V5x11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL3R3M100V5X11F NIC-NRE-FL3R3M100V5X11F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL3R3M100V5x11F NIC-NRE-FL3R3M100V5x11F Datasheet
102Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-FL3R3M100V5x11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com