Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W147G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # W147G
Description  Frequency Generator for Integrated Core Logic
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W147G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button W147G Datasheet HTML 4Page - Cypress Semiconductor W147G Datasheet HTML 5Page - Cypress Semiconductor W147G Datasheet HTML 6Page - Cypress Semiconductor W147G Datasheet HTML 7Page - Cypress Semiconductor W147G Datasheet HTML 8Page - Cypress Semiconductor W147G Datasheet HTML 9Page - Cypress Semiconductor W147G Datasheet HTML 10Page - Cypress Semiconductor W147G Datasheet HTML 11Page - Cypress Semiconductor W147G Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
W147G
PRELIMINARY
11
Intel is a registered trademark of Intel Corporation.
Document #: 38-00820
Group Skew and Jitter Limits
Output Group
Pin-Pin Skew Max
Cycle-Cycle Jitter
Duty Cycle
Nom Vdd
Skew, Jitter
Measure Point
CPU
175 ps
250 ps
45/55
2.5V
1.25V
SDRAM
250 ps
250 ps
45/55
3.3V
1.5V
APIC
250 ps
500 ps
45/55
2.5V
1.25V
48MHz
250 ps
500 ps
45/55
3.3V
1.5V
3V66
175 ps
500 ps
45/55
3.3V
1.5V
PCI
500 ps
500 ps
45/55
3.3V
1.5V
REF
N/A
1000 ps
45/55
3.3V
1.5V
Clock Output Wave
2.5V Clocking
3.3V Clocking
Test Point
Test Load
TPERIOD
Duty Cycle
THIGH
2.0
1.25
0.4
TLOW
TRISE
TFALL
TLOW
TRISE
TFALL
TPERIOD
Duty Cycle
THIGH
2.4
1.5
0.4
Output
Buffer
Interface
Interface
Figure 8. Output Buffer
Ordering Information
Ordering Code
Package
Name
Package Type
W147G
H
56-pin SSOP (300 mils)


Similar Part No. - W147G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W147R0J BOURNS-W147R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W147G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W48C111-16 CYPRESS-W48C111-16 Datasheet
115Kb / 7P
   Frequency Generator for Integrated Core Logic
W195B CYPRESS-W195B Datasheet
141Kb / 13P
   Frequency Generator for Integrated Core Logic
logo
SpectraLinear Inc
W209C SPECTRALINEAR-W209C Datasheet
228Kb / 15P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
W219B SPECTRALINEAR-W219B Datasheet
232Kb / 14P
   Frequency Generator for Integrated Core Logic with 133MHz FSB
logo
Cypress Semiconductor
W219B CYPRESS-W219B Datasheet
175Kb / 15P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209C CYPRESS-W209C Datasheet
179Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
W209CH CYPRESS-W209CH Datasheet
172Kb / 16P
   Frequency Generator for Integrated Core Logic with 133-MHz FSB
logo
SpectraLinear Inc
W305B SPECTRALINEAR-W305B Datasheet
182Kb / 20P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
logo
Silicon Laboratories
W305B SILABS-W305B Datasheet
178Kb / 20P
   Frequency Controller with System Recovery for Intel짰 Integrated Core Logic
logo
Cypress Semiconductor
W305B CYPRESS-W305B Datasheet
247Kb / 21P
   Frequency Controller with System Recovery for Intel Integrated Core Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com