Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZT470M63V10X8JBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAZT470M63V10X8JBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZT470M63V10X8JBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAZT470M63V10X8JBF Datasheet HTML 1Page - NIC-Components Corp. NAZT470M63V10X8JBF Datasheet HTML 2Page - NIC-Components Corp. NAZT470M63V10X8JBF Datasheet HTML 3Page - NIC-Components Corp. NAZT470M63V10X8JBF Datasheet HTML 4Page - NIC-Components Corp. NAZT470M63V10X8JBF Datasheet HTML 5Page - NIC-Components Corp. NAZT470M63V10X8JBF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NAZT Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• AVAILABLE WITH ANTI-VIBRATION WIDE TERMINATIONS
• VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100KHz
• EXTENDED LOAD LIFE (2,000 ~ 5,000 HOURS @ +105°C)
• SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC.
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 100Vdc
Rated Capacitance Range
4.7 ~ 12,000
μF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
μA
whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8.0
13
20
32
44
63
79
100
125
4 ~ 6.3mm diameter
0.26
0.20
0.16
0.14
0.12
0.12
0.08
-
-
8 ~ 18mm diameter
0.28
0.24
0.22
0.16
0.14
0.14
0.08
0.08
0.07
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
Z-40°C/Z+20°C
333333222
Z-55°C/Z+20°C
444333333
Load Life Test @ 105°C
4 ~ 6mm Dia. 2,000 hours
10x8mm Case Size 2,000 hours
8 ~ 18mm Dia. 5,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±300% of the specified maximum value
Leakage Current
Less than the specified maximum value
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
80
100
4.7
4R7
----
4x6.3
4x6.3
-
-
-
10
100
-
-
-
4x6.3
5x6.3
6.3x6.3
6.3x6.3
-
-
15
150
-
-
4x6.3
5x6.3
5x6.3
6.3x6.3
-
-
-
22
220
-
4x6.3
5x6.3
5x6.3
5x6.3
6.3x6.3
6.3x8
-
-
27
270
4x6.3
5x6.3
5x6.3
6.3x6.3
6.3x6.3
6.3x8
-
-
-
33
330
5x6.3
5x6.3
6.3x6.3
6.3x6.3
6.3x6.3
6.3x8
-
-
10x10.5
47
470
5x6.3
6.3x6.3
6.3x6.3
6.3x6.3
6.3x6.3
6.3x8
10x8
10x10.5
12.5x14
56
560
5x6.3
6.3x6.3
6.3x6.3
6.3x6.3
6.3x8
8x10.5
-
-
-
68
680
6.3x6.3
6.3x6.3
6.3x6.3
6.3x6.3
6.3x8
8x10.5
-
-
12.5x14
100
101
5x6.3
6.3x6.3
6.3x6.3
6.3x8
6.3x8
8x10.5
12.5x14
12.5x14
16x17
6.3x6.3
8x10.5
10x8
150
151
6.3x6.3
6.3x6.3
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
12.5x14
16x17
10x8
220
221
6.3x6.3
6.3x8
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
-
18x17.5
10x8
330
331
6.3x8
8x10.5
8x10.5
8x10.5
10x10.5
12.5x14
16x17
16x17
18x22
10x8
470
471
8x10.5
8x10.5
8x10.5
10x10.5
10x14
16x17
16x17
18x17.5
-
10x8
12.5x14
680
681
8x10.5
10x10.5
10x10.5
10x14
12.5x14
16x17
18x17.5
-
-
10x8
12.5x14
1000
102
8x10.5
10x10.5
10x14
12.5x14
16x17
16x17
18x22
-
-
12.5x14
1200
122
-----
18x17.5
-
-
-
1500
152
10x10.5
10x14
12.5x14
16x17
16x17
18x22
-
-
-
12.5x14
2200
222
12.5x14
12.5x14
-
16x17
18x17.5
-
-
-
-
2700
272
----
18x22
-
-
-
-
3300
332
-
-
16x17
18x17.5
-
-
-
-
-
3900
392
-
-
-
18x22
-
-
-
-
-
4700
472
-
16x17
18x17.5
-
-
-
-
-
-
5600
562
-
-
18x22
-
-
-
-
-
-
6800
682
16x17
18x17.5
-
-
-
-
-
-
-
8200
822
18x17.5
18x22
-
-
-
-
-
-
-
10000
103
18x17.5
-
-
-
-
-
-
-
-
12000
123
18x22
-
-
-
-
-
-
-
-
STANDARD VALUES AND CASE SIZES (mm)
SAC Alloy Compatible
230°C ~ 260°C
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NAZT470M63V10X8JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZT470M6.3V5X6.3NBF NIC-NAZT470M6.3V5X6.3NBF Datasheet
55Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZT470M63V10X8JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com