Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W149 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor W149 Datasheet HTML 10Page - Cypress Semiconductor W149 Datasheet HTML 11Page - Cypress Semiconductor W149 Datasheet HTML 12Page - Cypress Semiconductor W149 Datasheet HTML 13Page - Cypress Semiconductor W149 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W149
11
SDRAM Clock Outputs, SDRAM, SDRAM0:11 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6 MHz
CPU = 100 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tP
Period
Measured on rising edge at 1.5V
30
30
ns
tH
High Time
Duration of clock cycle above 2.4V,
at min. sdge rate (1.5 V/ns)
5.6
3.3
ns
tL
Low Time
Duration of clock cycle below 0.4V,
at min. sdge rate (1.5 V/ns)
5.3
3.1
ns
tR
Output Rise Edge
Rate
Measured from 0.4V to 2.4V
1.5
4
1.5
4
V/ns
tF
Output Fall Edge
Rate
Measured from 2.4V to 0.4V
1.5
4
1.5
4
V/ns
tPLH
Prop Delay LH
Input edge rate faster than 1 V/ns
1
5
1
5
ns
tPHL
Prop Delay HL
Input edge rate faster than 1 V/ns
1
5
1
5
ns
tD
Duty Cycle
Measured on rising and falling
edge at 1.5V, at min. sdge rate
(1.5 V/ns)
45
55
45
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V.
Maximum difference of cycle time
between two adjacent cycles.
250
250
ps
tSK
Output Skew
Measured on rising edge at 1.5V
250
250
ps
tO
CPU to PCI Clock
Skew
Covers all CPU/PCI outputs. Mea-
sured on rising edge at 1.5V. CPU
leads PCI output.
1.5
4
1.5
4
ns
fST
Frequency
Stabilization from
Power-up (cold start)
Assumes full supply voltage
reached within 1 ms from
power-up. Short cycles exist prior
to frequency stabilization.
33
ms
Zo
AC Output
Impedance
Average value during switching
transition. Used for determining
series termination value.
30
30


Similar Part No. - W149

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W149 CYPRESS-W149 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com