Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRBXW470M420V125X35F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRBXW470M420V125X35F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRBXW470M420V125X35F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRBXW470M420V125X35F Datasheet HTML 1Page - NIC-Components Corp. NRBXW470M420V125X35F Datasheet HTML 2Page - NIC-Components Corp. NRBXW470M420V125X35F Datasheet HTML 3Page - NIC-Components Corp. NRBXW470M420V125X35F Datasheet HTML 4Page - NIC-Components Corp. NRBXW470M420V125X35F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XW120M450V8X30F
12
450
0.25
0.15
34.56
10000
NRB-XW150M450V8X40F
15
0.25
0.19
27.65
10000
NRB-XW180M450V8X45F
18
0.25
0.21
23.04
10000
NRB-XW330M450V10X40F
33
0.25
0.36
12.57
10000
NRB-XW330M450V12.5X30F
33
0.25
0.37
12.57
10000
NRB-XW390M450V10X50F
39
0.25
0.41
10.63
10000
NRB-XW390M450V12.5X35F
39
0.25
0.42
10.63
10000
NRB-XW470M450V12.5X40F
47
0.25
0.48
8.82
10000
NRB-XW470M450V16X25F
47
0.25
0.44
8.82
10000
NRB-XW560M450V12.5X45F
56
0.25
0.53
7.40
10000
NRB-XW560M450V16X30F
56
0.25
0.51
7.40
10000
NRB-XW680M450V12.5X50F
68
0.25
0.62
6.10
10000
NRB-XW680M450V16X35F
68
0.25
0.59
6.10
10000
NRB-XW680M450V18X25F
68
0.25
0.57
6.10
10000
NRB-XW820M450V16X40F
82
0.25
0.68
5.06
10000
NRB-XW820M450V18X30F
82
0.25
0.65
5.06
10000
NRB-XW101M450V18X35F
100
0.25
0.74
4.15
10000
NRB-XW121M450V18X40F
120
0.25
0.83
3.46
10000
NRB-XW151M450V18X45F
150
0.25
0.95
2.76
10000
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series
Cap. Values
120Hz
500Hz
1KHz
10KHz ~ up
< 33
μF
0.42
0.70
0.90
1.00
39 ~ 270
μF
0.50
0.73
0.92
1.00
330 ~ 680
μF
0.55
0.77
0.94
1.00
820 ~ 1800
μF
0.60
0.80
0.96
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Voltage Rating 60 (50)Hz
120Hz
500Hz
1KHz
10KHz ~ up
160 ~ 250Vdc
0.8
1.0
1.20
1.30
1.40
350 ~ 450Vdc
0.8
1.0
1.25
1.40
1.50
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR (160V ~ 450V)


Similar Part No. - NRBXW470M420V125X35F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBXW NIC-NRBXW Datasheet
132Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRBXW470M420V125X35F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com