Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4804A Datasheet(PDF) 2 Page - Power-One

Part # F4804A
Description  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

F4804A Datasheet(HTML) 2 Page - Power-One

  F4804A Datasheet HTML 1Page - Power-One F4804A Datasheet HTML 2Page - Power-One F4804A Datasheet HTML 3Page - Power-One F4804A Datasheet HTML 4Page - Power-One F4804A Datasheet HTML 5Page - Power-One F4804A Datasheet HTML 6Page - Power-One F4804A Datasheet HTML 7Page - Power-One F4804A Datasheet HTML 8Page - Power-One F4804A Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 2 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F4804A, 0-80V, 4 Amps, SMT Mount
F4804A Applications
Differential and Common Mode filtering for dc-dc
converters:
 Telecommunications
 Data communications
 Distributed Power Solutions
Features
 RoHS lead free solder and lead solder exempted
products are available
 Maximum current 4 A with no derating
 Maximum operating input voltage 80 V
 100 V 100 ms transient withstand capability
 Differential LC-filter stage
 Surface mounted design
 Small footprint – only 0.75 sq. in.
 Low profile: 0.267” [6.78 mm] maximum
 Low weight: 0.13 oz [3.66 g]
 Operation over -40 °C to 85 °C ambient
temperature range
 No airflow required up to 85 °C
 Enables dc-dc converter compliance with
EN55022 and FCC Class B requirements
conducted emissions
 UL60950 recognition in U.S. & Canada, and
DEMKO certification per IEC/EN60950
Description
The F4804A Input Filter minimizes the conducted and radiated emissions generated by switch mode DC-DC
converters, and allows board designs utilizing DC-DC converters to meet stringent FCC and EN55022 Class B
conducted emissions requirements. Filter F4804A is a fully compatible replacement for F4804, with improved
electrical and thermal characteristics.
Unlike most available off-the-shelf filter modules, the F4804A, in addition to common mode noise reduction
components, is provisioned with a differential LC-filter stage, which virtually guarantees compliance with
conducted noise standards across the frequency range from 150 kHz to 30 MHz, including fundamental switching
frequency and its harmonics. Test results show headroom of 15-20 dB for conducted noise quasi-peak levels, in
relation to Class B requirements.
F4804A filter is designed specifically for distributed power solutions in conjunction with DC-DC converters. Low
profile and small size (only 0.75 sq. in.) in a surface mount package helps the designer save system board real
estate, and simplifies the layout.
A single filter can be used with multiple converters, and is capable of providing up to 4 A to the converter input bus
at 85 °C. When used as specified within this data sheet, these filters do not require airflow and/or derating at high
temperatures.
.


Similar Part No. - F4804A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
   CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - F4804A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com