Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7080M-GF085 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN7080M-GF085
Description  Half Bridge Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7080M-GF085 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN7080M-GF085 Datasheet HTML 5Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 6Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 7Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 8Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 9Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 10Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 11Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 12Page - Fairchild Semiconductor FAN7080M-GF085 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
10
12
14
16
18
20
0
50
100
150
200
250
Typ.
V
BIAS Supply Voltage(V)
Max.
Figure 10a. Turn-Off Delay Time of LO vs Temperature
Figure 10b. Turn-Off Delay Time of LO vs VBS Supply Voltage
Figure 11a. Turn-On Rise Time of HO vs Temperature
Figure 11b. Turn-On Rise Time vs of HO VBS Supply Voltage
Figure 12a. Turn-On Rise Time of LO vs Temperature
Figure 12b. Turn-On Rise Time of LO vs VBS Supply Voltage
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
Typ.
Temperature(
oC)
Max.
10
12
14
16
18
20
0
100
200
300
400
500
Typ.
V
BIAS Supply Voltage(V)
Max.
-50
-25
0
25
50
75
100
125
0
50
100
150
200
Typ.
Temperature(
oC)
Max.
10
12
14
16
18
20
0
50
100
150
200
250
Typ.
V
BIAS Supply Voltage(V)
Max.
-50
-25
0
25
50
75
100
125
0
50
100
150
200
Typ.
Temperature(
oC)
Max.
VCC=VBS=15V, CL=1nF
VCC=15V, CL=1nF, ta=25
C
VCC=VBS=15V, CL=1nF
VCC=15V, CL=1nF, ta=25
C
VCC=VBS=15V, CL=1nF
VCC=15V, CL=1nF, ta=25
C
©2012 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FAN7080_GF085 Rev. 1.0.1


Similar Part No. - FAN7080M-GF085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7080M-GF085 ONSEMI-FAN7080M-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7080M-GF085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com