Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2410 Datasheet(PDF) 4 Page - Power-One

Part # F2410
Description  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

F2410 Datasheet(HTML) 4 Page - Power-One

  F2410 Datasheet HTML 1Page - Power-One F2410 Datasheet HTML 2Page - Power-One F2410 Datasheet HTML 3Page - Power-One F2410 Datasheet HTML 4Page - Power-One F2410 Datasheet HTML 5Page - Power-One F2410 Datasheet HTML 6Page - Power-One F2410 Datasheet HTML 7Page - Power-One F2410 Datasheet HTML 8Page - Power-One F2410 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 4 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F4804A, 0-80V, 4 Amps, SMT Mount
The F4804A filter contains input and output
capacitors, plus differential and common mode
inductors. The separate differential inductor, L2,
allows a differential attenuation of 55 dB, a value
substantially higher in comparison with other
available off-the-shelf filters (typically 25-30 dB).
Absolute maximum voltage and maximum operating
voltage in Electrical Specifications Table are for the
filter itself; check maximum rating for corresponding
dc-dc converters. Filter will not be damaged by
reversed input voltage, or by applying voltage to the
output pins.
Vout+
L1-2
C2
1
F
L2
4.7
H
C1
2
F
C3
2
F
Vin-
Vin+
L1-1
2 x 30
H
Vout-
Fig. 1: Schematic diagram.
Differential attenuation plot in the frequency range of
50 kHz-100 MHz is shown in Fig. 2, and can be seen
to be flat (around 55-60 dB) from 0.5 MHz to
50 MHz.
Fig. 2: Differential mode attenuation, 0.05-100 MHz. Source
and load resistances are 50 Ω. Vertical scale: 20 dB/div, with
zero level marked by arrow. No load @ 25 ºC.
Fig. 3 and Fig. 4 show Common mode attenuation with
50 Ω source and load. The attenuation depends on the
value of external Y-capacitors, connected between input
pins and frame or a reference ground.
Fig. 3: Common Mode attenuation, 0.05-100 MHz. Source and
load resistances are 50 Ω. Two 0.1 µF Y-caps to common
line. Vertical scale: 20 dB/div, with zero dB level marked by
arrow.
Fig. 4: Common Mode attenuation, 0.05-100 MHz. Source and
load resistances are 50 Ω. Two 0.47 µF Y-caps to common
line. Vertical scale: 20 dB/div, with zero dB level marked by
arrow.


Similar Part No. - F2410

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2412AS-1W MORNSUN-F2412AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F2412D-1W MORNSUN-F2412D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
F2412D-1W REICU-F2412D-1W Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
F2412D-1WR2 MORNSUN-F2412D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
F2412D-1WR2 REICU-F2412D-1WR2 Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - F2410

ManufacturerPart #DatasheetDescription
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com