Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG-54 Datasheet(PDF) 4 Page - Clare, Inc.

Part # TG-54
Description  HIGH ENERGY SPARK GAP DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TG-54 Datasheet(HTML) 4 Page - Clare, Inc.

  TG-54 Datasheet HTML 1Page - Clare, Inc. TG-54 Datasheet HTML 2Page - Clare, Inc. TG-54 Datasheet HTML 3Page - Clare, Inc. TG-54 Datasheet HTML 4Page - Clare, Inc. TG-54 Datasheet HTML 5Page - Clare, Inc. TG-54 Datasheet HTML 6Page - Clare, Inc. TG-54 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATIONS
567
www.cpclare.com
HIGH ENERGY SPARK GAP DEVICES
Two Electrode High-Energy Spark Gaps
All characteristics at 25˚C.
PART
DC BREAKDOWN
INITIAL
REPETITIVE
PACKAGE
DIMENSION A
DIMENSION B
DIMENSION C
NUMBER
VOLTAGE
PULSE
PULSE
OUTLINE
(INCHES)
(INCHES)
(INCHES)
(KV
± 10%)
BREAKDOWN
BREAKDOWN
VOLTAGE (KV)(3) VOLTAGE (KV)(3)
TG-131
30.00
33.0
25.0
4A
4.000
± .188
TG-132
2.00
special
TG-133
9.00
9.0 - 11.5
9.0 - 11.5
7A
0.192
± .010
TG-135
2.00
special
TG-139
0.50
1A
0.487
± .031
TG-140
0.60
3A
TG-148
6.00
7.5
6.0
special
TG-149
2.00
9
0.620 max
0.219 max
TG-152
0.50
special
TG-153
0.38
± .02
1A
0.487
± .031
TG-155
1.40
2
TG-156
2.625
± 0.125
1
0.620 max
1.000
± .031
0.188 max
TG-157
1.20
9
0.515 max
0.125 max
TG-162
21.00
± 1.00
4
3.750
± .125
TG-163
31.50
± 3.00
4
4.000
± .188
TG-164
2.20
9
0.620 max
0.219nom
TG-166
0.40
9
0.515 max
0.125 max
TG-167
0.60
9
0.515 max
0.125 max
TG-168
0.80
9
0.515 max
0.125 max
TG-169
1.00
9
0.515 max
0.125 max
TG-170
2.50
9
0.620 max
0.219 max
TG-171
3.00
9
0.620 max
0.219 max
TG-172
3.50
9
0.620 max
0.219 max
TG-173
4.00
9
0.620 max
0.219 max
TG-174
5.00
9
0.620 max
0.219 max
TG-175
6.00
6.0 - 7.5
6.0 - 7.5
9
0.620 max
0.219 max
TG-176
6.00
7
2.250
± 0.125
TG-183
35.00
4
4.000
± .188
TG-184(5)
7.00
3A
TG-186
20.00
4
3.750
± .125
TG-187
1.50
3
TG-188
0.60
1
0.620 max
1.000
± .031 max
0.188 max
TG-189
0.50
9
0.515 max
0.125 nom
TG-191(2)
0.45
1
0.620 max
0.455
± 0.031
0.275
± 0.075
TG-192
31.00
± 3.0
4
4.000
± .188
TG-193
2.30
special
TG-194
60.00
± 8.0
4
4.500
± .188
TG-196
9.00
9.0 - 11.5
9.0 - 11.5
7A
0.500
± 0.30
TG-197
18.375
± 0.875
2
TG-198(1)
1.60
1
0.620 max
1.000
± 0.031
0.125 max
TG-249
0.18
± .05
1A
0.450
± .031
TG-359
0.345
± 0.45
special
TG-366A
14.00
special
TG-373
21.00
special
TG-375
20.5 - 24.0
4
4.000
± .188
TG-376
14.8 - 18.15
4
4.000
± .188
(1) 6-32 tapped hole in non-tubulated end.
(2) Identical tubulation on both ends.
(3) The voltage level at which the spark discharge occurs when a unipolarity pulse train is applied to the gap. Typically, the pulse repetition rate is 400 pps (pulses/second) with a rise
time of 0.3
µs and a pulse width of 0.5 µs. The “initial” range specifies at what increasing voltage the gap begins to fire and the “rep” range specifies at what decreasing voltage the
gap ceases to fire repetitively.
(4) Pulse repetition rate is 1500pps instead of the standard 400pps.
(5) Though outlines 2, 3, and 3A are identical, the electrode materials and configurations vary internally.
(6) Though outlines 4 and 4A are identical, gaps with outline 4A have heavier internal construction to withstand more severe shock and vibration.


Similar Part No. - TG-54

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
logo
List of Unclassifed Man...
TG-5005CE-21G ETC2-TG-5005CE-21G Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Epson ToYoCom
TG-5005CG EPSONTOYOCOM-TG-5005CG Datasheet
315Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE HIGH STABILITY
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
More results

Similar Description - TG-54

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com