Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35-3170 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 35-3170
Description  HEAVY DUTY TOGGLES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35-3170 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  35-3170 Datasheet HTML 1Page - List of Unclassifed Manufacturers 35-3170 Datasheet HTML 2Page - List of Unclassifed Manufacturers 35-3170 Datasheet HTML 3Page - List of Unclassifed Manufacturers 35-3170 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHES
Phone (815)316-9080•Fax (815)316-9081
All quantities are single; BU’s are packages of 10 Unless otherwise noted.
278
LIGHTED TOGGLES
LIGHTED ROCKER
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Retail
Bulk
Figure
Circuit
Poles/
Part No. Part No.
No.
Function
Throws
35-3300
35-3301
35-3302
35-3303
35-3310
35-3311
35-3312
35-3313
35-3320
35-3321
35-3322
35-3323
35-3330
35-3331
35-3332
35-3333
35-3300-BU
35-3301-BU
35-3302-BU
35-3303-BU
35-3310-BU
35-3311-BU
35-3312-BU
35-3313-BU
35-3320-BU
35-3321-BU
35-3322-BU
35-3323-BU
35-3330-BU
35-3331-BU
35-3332-BU
35-3333-BU
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
On
On
On
On
On
On
On
On
On
On
On
On
On
On
On
On
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
SPST
AMPS
12 VDC
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
LED Tip
LED Tip
LED Tip
LED Tip
LED Duckbill
LED Duckbill
LED Duckbill
LED Duckbill
LED Paddle
LED Paddle
LED Paddle
LED Paddle
LED Tip
LED Tip
LED Tip
LED Tip
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.500”
0.944”
0.944”
0.944”
0.944”
0.866”
0.866”
0.866”
0.866”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
0.400”
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC .250”
QC.187”/Solder
QC.187”/Solder
QC.187”/Solder
QC.187”/Solder
Note: All figures are for illustration purpose only, and the number/type of terminals may vary
QC=Quick Connect
KN=Knurled Nut
Note: All figures are for illustration purpose only, and the number/type of terminals may vary
QC=Quick Connect
KN=Knurled Nut
279-A
279-A
279-A
279-A
279-B
279-B
279-B
279-B
279-C
279-C
279-C
279-C
279-D
279-D
279-D
279-D
KN
KN
KN
KN
KN
KN
KN
KN
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Spec. Drawing
Page/Part No.
Fig. 1
Terminal
Type
Bushing
Length
Mounting
Hole
Hardware
Lamp
Color
Actuator
Style
Retail
Bulk
Figure
Circuit
Poles/
Part No. Part No.
No.
Function
Throws
35-3370
35-3371
35-3372
35-3373
35-3370-BU
35-3371-BU
35-3372-BU
35-3373-BU
5
5
5
5
On
On
On
On
Off
Off
Off
Off
SPST
SPST
SPST
SPST
AMPS
12 VDC
30
30
30
30
LED Oval Rocker
LED Oval Rocker
LED Oval Rocker
LED Oval Rocker
Lighted Red LED
Lighted Green LED
Lighted Amber LED
Lighted Blue LED
0.500”
0.500”
0.500”
0.500”
0.350”
0.350”
0.350”
0.350”
QC .250”
QC .250”
QC .250”
QC .250”
279-E
279-E
279-E
279-E
KN
KN
KN
KN
Spec. Drawing
Page/Part No.
Terminal
Type
Bushing
Length
Mounting
Hole
Hardware
Lamp
Color
Actuator
Style


Similar Part No. - 35-3170

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
35-0016-05 ZILOG-35-0016-05 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
35-0016-06 ZILOG-35-0016-06 Datasheet
581Kb / 22P
   Real-time clock support
logo
Aries Electronics, Inc.
35-002-171PTLHT ARIES-35-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
35-002-172PTLHT ARIES-35-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
35-002-173PTLHT ARIES-35-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 35-3170

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
E2011-BA NKK-E2011-BA Datasheet
159Kb / 6P
   Light Duty Miniature Toggles
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com