Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-SN330M63V5x7F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-SN330M63V5x7F
Description  Non-Polar Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-SN330M63V5x7F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-SN330M63V5x7F Datasheet HTML 1Page - NIC-Components Corp. NRE-SN330M63V5x7F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Non-Polar Aluminum Electrolytic Capacitors
LOW PROFILE, SUB-MINIATURE, RADIAL LEADS,
NON-POLAR ALUMINUM ELECTROLYTIC
FEATURES
• BI-POLAR
• 7mm HEIGHT / LOW PROFILE
NRE-SN Series
CHARACTERISTICS
STANDARD PRODUCTS AND CASE SIZE TABLE D
φ x L (mm) LEAD SPACING AND DIAMETER (mm)
Cap. (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
1.0
1R0
-----
4x7
2.2
2R2
----
4x7
5x7
3.3
3R3
-
-
-
4x7
5x7
5x7
4.7
4R7
-
-
-
4x7
5x7
6.3x7
10
100
-
4x7
4x7
5x7
6.3x7
-
22
220
5x7
5x7
6.3x7
6.3x7
-
-
33
330
5x7
6.3x7
6.3x7
-
-
-
47
470
6.3x7
6.3x7
6.3x7
-
-
-
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
Case Dia. (D
φ)
4
5
6.3
Lead Dia. (d
φ) 0.45 0.45 0.45
Lead Space (F) 1.5 2.0 2.5
Rated Voltage Range
6.3 ~ 50Vdc
Capacitance Range
1.0 ~ 47
μF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current
After 1 minutes At +20°C
0.05CV or 10
μA whichever is greater
Surge Voltage &
Max. Tan
δ @ 120Hz/+20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
Tan
δ
0.24
0.20
0.16
0.16
0.14
0.12
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
432222
Z-40°C/Z+20°C
864433
Load Life Test at Rated W.V.
+85°C 1,000 Hours (Polarity Shall Be
Reversed Every 250 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
NRE-SN 3R3 M 50V 5X7 TB F..............
RoHS Compliant
TB = Tape & Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.


Similar Part No. - NRE-SN330M63V5x7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-SN330M6.34X7F NIC-NRE-SN330M6.34X7F Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN330M6.35X7F NIC-NRE-SN330M6.35X7F Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN330M6.36.3X7F NIC-NRE-SN330M6.36.3X7F Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN330M6.3V5x7F NIC-NRE-SN330M6.3V5x7F Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-SN330M63V5x7F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com