Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX563M016N042 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 382LX563M016N042
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX563M016N042 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  382LX563M016N042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX563M016N042 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
16 Vdc (20 Vdc Surge)
25 Vdc (32 Vdc Surge)
4700
380LX472M016H202
0.160 0.135
1.60
1.80
22 x 20
3300
380LX332M025H202
0.177 0.140
1.60
1.80
22 x 20
4700
380LX472M016H012
0.160 0.135
1.77
2.00
22 x 25
3300
380LX332M025H012
0.161 0.130
1.70
1.90
22 x 25
6800
380LX682M016H012
0.110 0.092
2.60
3.00
22 x 25
4700
380LX472M025H012
0.110 0.090
2.40
2.75
22 x 25
6800
380LX682M016J202
0.110 0.092
1.80
2.10
25 x 20
4700
380LX472M025J202
0.125 0.100
1.80
2.10
25 x 20
8200
380LX822M016H012
0.090 0.078
3.10
3.60
22 x 25
5600
380LX562M025H012
0.095 0.075
2.90
3.30
22 x 25
10000
380LX103M016H022
0.075 0.062
3.80
4.30
22 x 30
6800
380LX682M025H022
0.078 0.063
3.50
4.00
22 x 30
10000
380LX103M016J012
0.143 0.118
3.80
4.30
25 x 25
6800
380LX682M025J012
0.078 0.063
3.50
4.00
25 x 25
10000
380LX103M016K202
0.084 0.070
2.40
2.80
30 x 20
6800
380LX682M025K202
0.078 0.063
2.30
2.60
30 x 20
12000
380LX123M016H022
0.119 0.098
4.50
5.20
22 x 30
8200
380LX822M025H022
0.065 0.049
3.60
4.10
22 x 30
12000
380LX123M016J012
0.119 0.098
4.50
5.20
25 x 25
8200
380LX822M025J012
0.065 0.049
3.60
4.10
25 x 25
15000
380LX153M016H032
0.054 0.045
5.30
6.00
22 x 35
10000
380LX103M025H032
0.058 0.046
3.80
4.30
22 x 35
15000
380LX153M016J022
0.054 0.045
5.30
6.00
25 x 30
10000
380LX103M025J022
0.058 0.046
3.80
4.30
25 x 30
15000
380LX153M016A202
0.055 0.048
3.20
3.70
35 x 20
10000
380LX103M025K012
0.136 0.108
3.28
3.68
30 x 25
18000
380LX183M016H042
0.045 0.040
5.60
6.40
22 x 40
10000
380LX103M025A202
0.060 0.050
2.70
3.10
35 x 20
18000
380LX183M016J022
0.045 0.040
5.60
6.40
25 x 30
12000
380LX123M025H042
0.050 0.040
4.10
4.70
22 x 40
22000
380LX223M016H452
0.065 0.055
6.10
7.00
22 x 45
12000
380LX123M025J032
0.050 0.040
4.10
4.70
25 x 35
22000
380LX223M016J032
0.065 0.055
6.10
7.00
25 x 35
12000
380LX123M025K022
0.050 0.040
4.10
4.70
30 x 30
22000
380LX223M016K022
0.065 0.055
6.10
7.00
30 x 30
15000
380LX153M025H052
0.040 0.030
4.60
5.30
22 x 50
27000
380LX273M016J452
0.031 0.025
6.30
7.30
25 x 45
15000
380LX153M025J042
0.040 0.030
4.60
5.30
25 x 40
27000
380LX273M016K032
0.031 0.025
6.30
7.30
30 x 35
15000
380LX153M025K022
0.040 0.030
4.60
5.30
30 x 30
33000
380LX333M016J052
0.025 0.021
6.80
7.80
25 x 50
18000
380LX183M025J452
0.035 0.028
5.50
6.30
25 x 45
33000
380LX333M016K042
0.025 0.021
6.80
7.90
30 x 40
18000
380LX183M025K032
0.035 0.028
5.50
6.30
30 x 35
33000
380LX333M016A022
0.025 0.021
6.80
7.90
35 x 30
22000
380LX223M025J052
0.030 0.023
6.10
7.00
25 x 50
39000
380LX393M016K452
0.022 0.018
6.95
8.00
30 x 45
22000
380LX223M025K042
0.030 0.023
6.10
7.00
30 x 40
39000
380LX393M016A032
0.022 0.018
6.95
8.00
35 x 35
27000
380LX273M025K452
0.023 0.020
6.20
7.10
30 x 45
47000
380LX473M016K052
0.030 0.026
7.50
8.60
30 x 50
27000
380LX273M025A03
0.023 0.020
6.20
7.10
35 x 35
47000
380LX473M016A042
0.030 0.026
7.50
8.60
35 x 40
33000
380LX333M025K052
0.020 0.017
6.80
7.90
30 x 50
56000
380LX563M016A452
0.020 0.018
8.70
10.00
35 x 45
33000
380LX333M025A042
0.020 0.017
6.80
7.90
35 x 40
56000
382LX563M016N042
0.022 0.021
9.00
10.40
40 x 40
33000
382L333M025N042
0.026 0.016
7.30
8.00
40 x 40
68000
380LX683M016A052
0.018 0.017
9.00
10.40
35 x 50
39000
380LX393M025A452
0.020 0.017
7.40
8.50
35 x 45
82000
380LX823M016A062
0.016 0.015 10.00 11.50
35 x 63
39000
382LX393M025N042
0.020 0.018
8.00
9.20
40 x 40
82000
382LX823M016N052
0.016 0.015 10.30 11.80
40 x 50
47000
380LX473M025A052
0.024 0.021
8.00
9.20
35 x 50
100000
380LX104M016A082
0.015 0.014 11.00 12.70
35 x 80
47000
380L473M025A062
0.017 0.009
8.30
9.50
35 x 63
100000
382LX104M016N062
0.018 0.017 11.40 13.00
40 x 63
56000
380L563M025A072
0.015 0.008
9.10
10.30
35 x 70
120000
380LX124M016A102
0.014 0.013 12.81 14.73 35 x 105
56000
382L563M025N062
0.015 0.009
9.50
10.30
40 x 63
120000
382LX124M016N082
0.017 0.016 12.40 14.30
40 x 80
56000
380LX563M025A062
0.024 0.020
8.60
9.90
35 x 63
120000
382LX124M016B052V
0.014 0.013 13.17 15.15
50 x 50
56000
382LX563M025N052
0.016 0.015
9.00
10.30
40 x 50
150000
382LX154M016B062V
0.012 0.011 14.40 16.56
50 x 63
68000
380LX683M025A082
0.013 0.011 10.40 12.00
35 x 80
180000
382LX184M016N102
0.013 0.012 14.85 17.08 40 x 105
68000
382LX683M025N062
0.017 0.015 10.25 11.80
40 x 63
180000
382LX184M016B082V
0.011 0.010 15.69 18.04
50 x 80
82000
382LX823M025B052V
0.016 0.015 12.29 14.13
50 x 50
220000
382LX224M016B092V
0.010 0.009 16.73 19.24
50 x 92
100000
380LX104M025A102
0.010 0.008 11.97 13.77 35 x 105
270000
382LX274M016B102V
0.009 0.008 17.79 20.46 50 x 105
100000
382LX104M025B062V
0.014 0.013 13.45 15.47
50 x 63
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 382LX563M016N042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382LX563M016N042 ETC2-382LX563M016N042 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
382LX563M016N042 CDE-382LX563M016N042 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
382LX563M016N042 CDE-382LX563M016N042 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX563M016N042 CDE-382LX563M016N042 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
382LX563M016N042 CDE-382LX563M016N042 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX563M016N042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com