Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LX104M016A082 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 380LX104M016A082
Description  Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX104M016A082 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 380LX104M016A082 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 12Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 13Page - List of Unclassifed Manufacturers 380LX104M016A082 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Cap.
(µF)
Max. ESR
Ω@ 25 °C
Ripple Amps
Max. @ 85 °C
Nominal
Size D x L
Catalog Part Number
Catalog Part Number
120 Hz 20 kHz 120 Hz 20 kHz (mm)
120 Hz 20 kHz 120 Hz 20 kHz (mm)
315 Vdc (365 Vdc Surge)
350 Vdc (400 Vdc Surge)
220
380LX221M315K012
0.904 0.461
1.40
2.00
30 x 25
330
380LX331M350A022
0.500 0.180
1.90
2.60
35 x 30
270
380LX271M315H452
0.737 0.376
1.60
2.20
22 x 45
390
380LX391M350J052
0.425 0.149
2.06
2.88
25 x 50
270
380LX271M315J042
0.737 0.376
1.60
2.20
25 x 40
390
380LX391M350K042
0.425 0.149
2.06
2.88
30 x 40
270
380LX271M315K022
0.737 0.376
1.60
2.20
30 x 30
390
380LX391M350A022
0.425 0.149
2.06
2.88
35 x 30
330
380LX331M315J452
0.603 0.308
1.80
2.50
25 x 45
470
380LX471M350K052
0.390 0.140
2.40
3.40
30 x 50
330
380LX331M315K022
0.603 0.308
1.80
2.50
30 x 30
470
380LX471M350A032
0.390 0.140
2.40
3.40
35 x 35
330
380LX331M315A012
0.603 0.308
1.80
2.50
35 x 25
560
380LX561M350K052
0.326 0.114
2.60
3.64
30 x 50
390
380LX391M315J052
0.510 0.260
2.00
2.80
25 x 50
560
380LX561M350A042
0.326 0.114
2.60
3.64
35 x 40
390
380LX391M315K032
0.510 0.260
2.00
2.80
30 x 35
680
380LX681M350A452
0.293 0.117
2.96
4.14
35 x 45
390
380LX391M315A022
0.510 0.260
2.00
2.80
35 x 30
680
382LX681M350N042
0.293 0.117
3.00
4.10
40 x 40
470
380LX471M315K042
0.423 0.216
2.30
3.20
30 x 40
820
380LX821M350A052
0.243 0.097
3.55
4.97
35 x 50
470
380LX471M315A032
0.423 0.216
2.30
3.20
35 x 35
1000
380LX102M350A062
0.250 0.110
3.80
5.30
35 x 63
560
380LX561M315K452
0.355 0.181
2.60
3.60
30 x 45
1000
382LX102M350N052
0.250 0.110
3.80
5.30
40 x 50
560
380LX561M315A032
0.355 0.181
2.60
3.60
35 x 35
1200
380LX122M350A082
0.210 0.095
4.40
6.20
35 x 80
680
380LX681M315A452
0.293 0.149
2.90
4.00
35 x 45
1200
382LX122M350N062
0.210 0.095
4.40
6.20
40 x 63
820
380LX821M315A052
0.243 0.124
3.30
4.60
35 x 50
1200
382LX122M350B052V
0.207 0.093
5.18
5.96
50 x 50
1000
380L102M315A062
0.218 0.129
2.70
3.60
35 x 63
1500
382LX152M350B062V
0.166 0.075
6.01
8.41
50 x 63
1200
380L122M315A072
0.182 0.107
3.20
4.20
35 x 70
1800
380LX182M350A102
0.138 0.062
5.79
8.11
35 x 105
1200
382L122M315N052
0.202 0.122
2.90
3.90
40 x 50
1800
382LX182M350N082
0.138 0.062
5.85
8.20
40 x 80
1500
380L152M315A082
0.153 0.090
3.60
4.80
35 x 80
1800
382LX182M350B082V
0.138 0.062
6.89
9.65
50 x 80
1500
382L152M315N062
0.162 0.098
3.40
4.50
40 x 63
2200
382LX222M350N102
0.113 0.051
6.91
9.67
40 x 105
1800
382L182M315N082
0.113 0.069
4.50
6.00
40 x 80
2200
382LX222M350B092V
0.113 0.051
7.79
10.91
50 x 92
350 Vdc (400 Vdc Surge)
2700
382LX272M350B102V
0.092 0.041
8.80
12.32 50 x 105
82
380LX820M350H012
2.022 0.708
0.83
1.16
22 x 25
400 Vdc (450 Vdc Surge)
100
380LX101M350H022
1.660 0.580
0.90
1.30
22 x 30
47
380LX470M400H202
3.530 1.240
0.25
0.35
22 x 20
120
380LX121M350H022
1.382 0.484
1.00
1.40
22 x 30
47
380LX470M400H012
3.530 1.240
0.47
0.66
22 x 25
120
380LX121M350J012
1.382 0.484
1.00
1.40
25 x 25
68
380LX680M400H012
2.440 0.850
0.70
0.97
22 x 25
150
380LX151M350H032
1.110 0.390
1.10
1.60
22 x 35
68
380LX680M400J202
2.930 1.000
0.35
0.50
25 x 20
150
380LX151M350J012
1.110 0.390
1.10
1.60
25 x 25
82
380LX820M400H012
2.000 0.710
0.80
1.20
22 x 25
150
380LX151M350K012
1.110 0.390
1.10
1.60
30 x 25
100
380LX101M400H022
1.650 0.580
0.90
1.30
22 x 30
180
380LX181M350H042
0.920 0.320
1.20
1.70
22 x 40
100
380LX101M400J012
1.650 0.580
0.90
1.30
25 x 25
180
380LX181M350J022
0.920 0.320
1.22
1.70
25 x 30
100
380LX101M400K202
1.990 0.700
0.50
0.70
30 x 20
180
380LX181M350K012
0.920 0.320
1.20
1.70
30 x 25
120
380LX121M400H032
1.380 0.490
1.00
1.40
22 x 35
220
380LX221M350H452
0.750 0.260
1.44
2.00
22 x 45
120
380LX121M400J012
1.380 0.490
1.02
1.43
25 x 25
220
380LX221M350J032
0.750 0.260
1.44
2.00
25 x 35
150
380LX151M400H042
1.100 0.390
1.20
1.60
22 x 40
220
380LX221M350K012
0.750 0.260
1.44
2.00
30 x 25
150
380LX151M400J022
1.100 0.390
1.20
1.60
25 x 30
220
380LX221M350A012
0.750 0.260
1.44
2.00
35 x 25
150
380LX151M400K012
1.100 0.390
1.20
1.60
30 x 25
270
380LX271M350J042
0.614 0.215
1.66
2.32
25 x 40
150
380LX151M400A202
1.330 0.470
0.60
0.80
35 x 20
270
380LX271M350K022
0.614 0.215
1.66
2.32
30 x 30
180
380LX181M400H452
0.920 0.320
1.40
2.00
22 x 45
270
380LX271M350A012
0.614 0.215
1.66
2.32
35 x 25
180
380LX181M400J022
0.920 0.320
1.40
2.00
25 x 30
270
380LX271M350A012
0.614 0.215
1.70
2.30
35 x 25
220
380LX221M400H052
0.750 0.260
1.50
2.10
22 x 50
330
380LX331M350J052
0.500 0.180
1.90
2.60
25 x 50
220
380LX221M400J042
0.750 0.260
1.50
2.10
25 x 40
330
380LX331M350K032
0.500 0.180
1.90
2.60
30 x 35
220
380LX221M400K022
0.750 0.260
1.50
2.10
30 x 30
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LX104M016A082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX104M016A082 ETC2-380LX104M016A082 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
380LX104M016A082 CDE-380LX104M016A082 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
380LX104M016A082 CDE-380LX104M016A082 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX104M016A082 CDE-380LX104M016A082 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
380LX104M016A082 CDE-380LX104M016A082 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX104M016A082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com