Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NREL331M50V16x16F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NREL331M50V16x16F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREL331M50V16x16F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NREL331M50V16x16F Datasheet HTML 1Page - NIC-Components Corp. NREL331M50V16x16F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NREL222M6.3V16x16F
2,200
6.3
0.26
1030
0.20
3,000
NREL332M6.3V18x21F
3,300
0.28
1330
0.14
3,000
NREL472M6.3V18x21F
4,700
0.30
1630
0.11
3,000
NREL331M10V10x9.5F
330
10
0.20
290
1.01
3,000
NREL471M10V10x9.5F
470
0.20
340
0.71
3,000
NREL102M10V12.5x16F
1,000
0.20
680
0.33
3,000
NREL222M10V16x16F
2,200
0.22
1120
0.17
3,000
NREL332M10V18x21F
3,300
0;.24
1510
0.12
3,000
NREL472M10V18x21F
4,700
0.26
1650
0.09
3,000
NREL221M16V10x9.5F
220
16
0.16
260
1.01
3,000
NREL331M16V10x9.5F
330
0.16
320
0.80
3,000
NREL102M16V12.5x16F
1,000
0.16
695
0.27
3,000
NREL222M16V16x16F
2,200
0.18
1140
0.14
3,000
NREL221M25V10x9.5F
220
25
0.14
280
0.80
3,000
NREL331M25V10x12.5F
330
0.14
390
0.70
3,000
NREL471M25V12.5x16F
470
0.14
560
0.49
3,000
NREL102M25V16x16F
1,000
0.14
730
0.23
3,000
NREL222M25V16x21F
2,200
0.16
1250
0.12
3,000
NREL101M25V10x9.5F
100
35
0.12
200
1.99
3,000
NREL331M35V12.5x16F
330
0.12
510
0.60
3,000
NREL471M35V16x16F
470
0.12
710
0.42
3,000
NREL102M35V18x21F
1,000
0.12
1190
0.20
3,000
NREL101M50V10x9.5F
100
50
0.10
220
1.66
3,000
NREL331M50V16x16F
330
0.10
650
0.50
3,000
NREL471M50V16x16F
470
0.10
725
0.35
3,000
NREL331M63V16x16F
330
63
0.09
560
0.68
3,000
NREL471M63V16x21F
470
0.09
770
0.45
3,000
NREL220M100V10x9.5F
22
100
0.08
110
6.04
3,000
NREL101M10016x16F
100
0.08
410
1.33
3,000
NREL221M100V18x21F
220
0.08
720
0.60
3,000
Miniature Aluminum Electrolytic Capacitors
NRE-L Series


Similar Part No. - NREL331M50V16x16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREL331M5010X9.5TRF NIC-NREL331M5010X9.5TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL331M5012.5X16TRF NIC-NREL331M5012.5X16TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL331M5016X16TRF NIC-NREL331M5016X16TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
NREL331M5018X21TRF NIC-NREL331M5018X21TRF Datasheet
138Kb / 1P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NREL331M50V16x16F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com