Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-WY102M10V10X20F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-WY102M10V10X20F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-WY102M10V10X20F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-WY102M10V10X20F Datasheet HTML 1Page - NIC-Components Corp. NRE-WY102M10V10X20F Datasheet HTML 2Page - NIC-Components Corp. NRE-WY102M10V10X20F Datasheet HTML 3Page - NIC-Components Corp. NRE-WY102M10V10X20F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-WY Series
Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+130°C/100KHz
Max. Impedance (Ω)
+20°C/100KHz
Load Life Hours
@+130°C
NRE-WY331M10V8X11.5F
330
10
0.20
360
0.22
2,000
NRE-WY471M10V10X12.5F
470
0.20
620
0.15
2,000
NRE-WY102M10V10X20F
1000
0.20
960
0.073
2,000
NRE-WY222M10V12.5X25F
2200
0.22
1430
0.040
4,000
NRE-WY332M10V16X25F
3300
0.24
1900
0.038
4,000
NRE-WY472M10V16X31.5F
4700
0.26
2300
0.034
4,000
NRE-WY331M16V8X11.5F
330
16
0.16
360
0.22
2,000
NRE-WY471M16V10X12.5F
470
0.16
620
0.15
2,000
NRE-WY102M16V10X20F
1000
0.16
960
0.073
2,000
NRE-WY222M16V12.5X25F
2200
0.18
1430
0.040
4,000
NRE-WY332M16V16X31.5F
3300
0.20
2300
0.034
4,000
NRE-WY472M16V16X35.5F
4700
0.22
2550
0.031
4,000
NRE-WY221M25V8X11.5F
220
25
0.14
360
0.22
2,000
NRE-WY331M25V10X12.5F
330
0.14
620
0.15
2,000
NRE-WY471M25V10X16F
470
0.14
800
0.10
2,000
NRE-WY102M25V12.5X20F
1000
0.14
1100
0.055
4,000
NRE-WY222M25V16X31.5F
2200
0.16
2300
0.034
4,000
NRE-WY332M25V16X35.5F
3300
0.18
2550
0.031
4,000
NRE-WY101M35V8X11.5F
100
35
0.12
360
0.22
2,000
NRE-WY221M35V10X12.5F
220
0.12
620
0.15
2,000
NRE-WY331M35V10X16F
330
0.12
800
0.10
2,000
NRE-WY471M35V10X20F
470
0.12
960
0.073
2,000
NRE-WY102M35V12.5X25F
1000
0.12
1430
0.040
4,000
NRE-WY222M35V16X35.5F
2200
0.14
2550
0.031
4,000
NRE-WY332M35V18X35.5F
3300
0.16
2800
0.028
4,000
NRE-WY4R7M50V8X11.5F
4.7
50
0.10
100
0.85
2,000
NRE-WY100M50V8X11.5F
10
0.10
200
0.60
2,000
NRE-WY220M50V8X11.5F
22
0.10
260
0.35
2,000
NRE-WY330M50V8X11.5F
33
0.10
300
0.28
2,000
NRE-WY470M50V8X11.5F
47
0.10
300
0.28
2,000
NRE-WY101M50V10X12.5F
100
0.10
520
0.18
2,000
NRE-WY221M50V10X20F
220
0.10
890
0.082
2,000
NRE-WY331M50V12.5X20F
330
0.10
1000
0.065
4,000
NRE-WY471M50V12.5X25F
470
0.10
1200
0.051
4,000
NRE-WY102M50V16X31.5F
1000
0.10
2180
0.037
4,000
NRE-WY222M50V18X40F
2200
0.12
2800
0.029
4,000
NRE-WY330M63V8X11.5F
33
63
0.09
250
0.40
2,000
NRE-WY470M63V10X12.5F
47
0.09
400
0.27
2,000
NRE-WY101M63V10X16F
100
0.09
450
0.20
2,000
NRE-WY221M63V12.5X20
220
0.09
820
0.10
4,000
NRE-WY331M63V12.5X25F
330
0.09
1000
0.072
4,000
NRE-WY471M63V16X25F
470
0.09
1500
0.069
4,000
NRE-WY102M63V16X31.5F
1000
0.09
1850
0.056
4,000
NRE-WY152M63V18X40F
1500
0.09
2350
0.043
4,000
NRE-WY4R7M100V8X11.5F
4.7
100
0.08
100
1.3
2,000
NRE-WY100M100V8X11.5F
10
0.08
200
1.0
2,000
NRE-WY220M100V8X11.5F
22
0.08
220
0.67
2,000
NRE-WY330M100V10X12.5F
33
0.08
260
0.45
2,000
NRE-WY470M100V10X16F
47
0.08
330
0.33
2,000
NRE-WY101M100V12.5X20F
100
0.08
670
0.17
4,000
NRE-WY221M100V16X25F
220
0.08
1100
0.13
4,000
NRE-WY331M100V16X31.5F
330
0.08
1300
0.10
4,000
NRE-WY471M100V18X31.5F
470
0.08
1600
0.092
4,000
RIPPLE CURRENT CORRECTION FACTOR (10V ~ 100V)
Frequency (Hz)
60 (50)
120Hz
1KHz
10K
100K
1.0µF ~ 4.7µF
0.35
0.42
0.60
0.80
1.0
10µF ~ 33µF
0.45
0.55
0.75
0.90
1.0
47µF ~ 330µF
0.60
0.70
0.85
0.95
1.0
470µF ~ 1500µF
0.65
0.75
0.90
0.98
1.0
2200µF ~ 4700µF
0.75
0.80
0.95
1.0
1.0


Similar Part No. - NRE-WY102M10V10X20F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-WY102M10V10X20F NIC-NRE-WY102M10V10X20F Datasheet
253Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-WY102M10V10X20F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com