Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W184 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W184
Description  Six Output Peak Reducing EMI Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W184 Datasheet(HTML) 6 Page - Cypress Semiconductor

  W184 Datasheet HTML 1Page - Cypress Semiconductor W184 Datasheet HTML 2Page - Cypress Semiconductor W184 Datasheet HTML 3Page - Cypress Semiconductor W184 Datasheet HTML 4Page - Cypress Semiconductor W184 Datasheet HTML 5Page - Cypress Semiconductor W184 Datasheet HTML 6Page - Cypress Semiconductor W184 Datasheet HTML 7Page - Cypress Semiconductor W184 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
W184
6
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power Up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 2
–50
µA
IIH
Input High Current
Note 2
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
All pins except CLKIN
7
pF
CI
Input Capacitance
CLKIN pin only
6
10
pF
RP
Input Pull-Up Resistor
500
k
ZOUT
Clock Output Impedance
25
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% or 5V±10%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency
Input Clock
8
28
MHz
fOUT
Output Frequency
Spread Off
8
28
MHz
tR
Output Rise Time
VDD, 15-pF load 0.8V–2.4V
2
5
ns
tF
Output Fall Time
VDD, 15-pF load 2.4V–0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
EMIRED
Harmonic Reduction
fout = 40 MHz, third harmonic
measured, reference board,
15-pF load
8dB
tSK
Output to Output Skew
200
ps
Note:
2.
Inputs FS1:2 have a pull-up resistor; Input SSON# has a pull-down resistor.


Similar Part No. - W184

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W180 CYPRESS-W180 Datasheet
122Kb / 8P
   Peak Reducing EMI Solution
W180 CYPRESS-W180 Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
W180-01G CYPRESS-W180-01G Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
W180-01GT CYPRESS-W180-01GT Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
W180-02G CYPRESS-W180-02G Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
More results

Similar Description - W184

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W185H CYPRESS-W185H Datasheet
121Kb / 8P
   Six Output Peak Reducing EMI Solution
W185 CYPRESS-W185 Datasheet
116Kb / 8P
   Six Output Peak Reducing EMI Solution
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com